Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF1510S Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DF1510S
Description  1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DF1510S Datasheet(HTML) 1 Page - Diodes Incorporated

  DF1510S Datasheet HTML 1Page - Diodes Incorporated DF1510S Datasheet HTML 2Page - Diodes Incorporated DF1510S Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DF15005S – DF1510S
Document number: DS17002 Rev. 10 - 2
1 of 3
www.diodes.com
February 2012
© Diodes Incorporated
DF15005S – DF1510S
1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Features and Benefits
Glass Passivated Die Construction
Low Forward Voltage Drop, High Current Capability
Surge Overload Rating to 50A Peak
Designed for Surface Mount Applications
UL Listed Under Recognized Component Index, File Number
E94661
Lead Free Finish, RoHS Compliant (Date Code 0532+)
(Note 1)
Mechanical Data
Case: DF-S
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Tin. Solder Plated Leads, Solderable per
MIL-STD-202, Method 208
Polarity: As Marked on Case
Marking: Type Number
Weight: 0.38 grams (approximate)
Ordering Information (Note 2)
Device
Packaging
Shipping
DF15xxxS-T
DF-S
1500/Tape & Reel
DF15xxxS
DF-S
50 per Tube
Marking Information
Maximum Ratings and Electrical Characteristics
@TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
DF
15005S
DF
1501S
DF
1502S
DF
1504S
DF
1506S
DF
1508S
DF
1510S
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
580
700
V
Average Forward Rectified Current
@ TA = 40°CIO
1.5
A
Non-Repetitive Peak Forward Surge Current, 8.3 ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
50
A
Forward Voltage (per element)
@ IF = 1.5A
VFM
1.1
V
Peak Reverse Current at Rated
@ TA = 25°C
DC Blocking Voltage (per element)
@ TA = 125°C
IRM
10
500
µA
I
2t Rating for Fusing (t<8.3ms)
I
2t
10.4
A
2s
Typical Total Capacitance per element (Note 3)
CT
25
pF
Typical Thermal Resistance, Junction to Ambient
(Note 4)
RθJA
40
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2). All applicable RoHS exemptions applied
2. For packaging details, visit our website at http://www.diodes.com.
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
4. Thermal resistance, junction to ambient, measured on PC board with 5.0mm
2 (0.03mm thick) land areas.
YWW
DF15xxxS
= Manufacturers’ code marking
DF15xxxS = Product type marking code
ex: DF1510S
YWW = Date code marking
Y = Last digit of year (ex: 2 for 2002)
WW = Week code (01 to 53)


Similar Part No. - DF1510S

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
DF1510S WTE-DF1510S Datasheet
52Kb / 3P
   1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Frontier Electronics.
DF1510S FRONTIER-DF1510S Datasheet
120Kb / 2P
   1.5A BRIDGE RECTIFIERS
logo
Chip Integration Techno...
DF1510S CITC-DF1510S Datasheet
151Kb / 3P
   1.5A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
logo
Diodes Incorporated
DF1510S DIODES-DF1510S Datasheet
53Kb / 2P
   1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DS17002 Rev. D-2
logo
Shenzhen Luguang Electr...
DF1510S LUGUANG-DF1510S Datasheet
175Kb / 2P
   Silicon Bridge Rectifiers
More results

Similar Description - DF1510S

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
DB151 ZSELEC-DB151 Datasheet
85Kb / 2P
   1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
DF15005S DIODES-DF15005S_16 Datasheet
296Kb / 5P
   1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
DI150 ZSELEC-DI150 Datasheet
118Kb / 2P
   1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
DF15005S DIODES-DF15005S Datasheet
53Kb / 2P
   1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DS17002 Rev. D-2
logo
Won-Top Electronics
DF150S WTE-DF150S_06 Datasheet
73Kb / 4P
   1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DF150S WTE-DF150S Datasheet
52Kb / 3P
   1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
TB1505S ZSELEC-TB1505S Datasheet
86Kb / 2P
   1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
DF15005S DIODES-DF15005S_15 Datasheet
69Kb / 3P
   1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
ABS1505 ZSELEC-ABS1505 Datasheet
164Kb / 2P
   1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Sangdest Microelectroni...
FTB1F-15 SMC-FTB1F-15 Datasheet
215Kb / 5P
   1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
DB151S ZSELEC-DB151S Datasheet
73Kb / 2P
   1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com