Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH480-2 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # SFH480-2
Description  GaAlAs-IR-Lumineszenzdioden 880 nm GaAlAs Infrared Emitters 880 nm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SFH480-2 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

  SFH480-2 Datasheet HTML 1Page - Siemens Semiconductor Group SFH480-2 Datasheet HTML 2Page - Siemens Semiconductor Group SFH480-2 Datasheet HTML 3Page - Siemens Semiconductor Group SFH480-2 Datasheet HTML 4Page - Siemens Semiconductor Group SFH480-2 Datasheet HTML 5Page - Siemens Semiconductor Group SFH480-2 Datasheet HTML 6Page - Siemens Semiconductor Group SFH480-2 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SFH 480,
SFH 481, SFH 482
Semiconductor Group
7
1998-04-16
Relative spectral emission
Irel = f (λ)
Forward current, IF = f (VF)
Single pulse,
tp = 20 µs
0
750
Ι
rel
OHR00877
800
850
900
950 nm 1000
20
40
60
80
%
100
λ
10
OHR00881
F
V
-3
-2
10
-1
10
0
10
1
10
01
2
3
4
5
6
V
8
A
Ι
F
Radiant intensity
Single pulse,
tp = 20 µs
Permissible pulse handling capability
IF = f (τ), TC = 25 °C,
duty cycle D = parameter
Ie
Ie 100 mA
= f (IF)
10
OHR00878
Ι e
F
Ι
-3
-2
10
-1
10
0
10
1
10
2
10
0
10
10
1
10
2
10
4
mA
e
Ι
(100mA)
3
10
t
OHR00948
p
-5
10
10
2
Ι
F
10
3
10
4
10
-4
10
-3
10
-2
10
-1
10
0
s
5
DC
0.2
0.5
0.1
0.005
0.01
0.02
0.05
t p
T
Ι
F
t p
T
D =
5
mA
D =
Max. permissible forward current
SFH 481, IF = f (TA, TC)
T
OHR00946
A
0
F
Ι
0
20
40
60
80
100
˚C
40
80
120
160
200
mA
240
,
T
C
= 450 K/W
thJA
R
R
thJC = 160 K/W
Max. permissible forward current
SFH 480, SFH 482, IF = f (TA, TC)
T
OHR00396
A
0
F
Ι
0
˚C
40
80
120
160
200
mA
240
,
T
C
= 450 K/W
thJA
R
R
thJC = 160 K/W
20
40
60
80
100
130


Similar Part No. - SFH480-2

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH480-2/3 OSRAM-SFH480-2/3 Datasheet
103Kb / 9P
   GaAlAs-Lumineszenzdioden
More results

Similar Description - SFH480-2

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH484 OSRAM-SFH484_10 Datasheet
155Kb / 10P
   GaAlAs-IR-Lumineszenzdioden (880 nm)
logo
Siemens Semiconductor G...
SFH4580 SIEMENS-SFH4580 Datasheet
60Kb / 6P
   GaAIAs-IR-Lumineszenzdioden 880 nm GaAIAs Infrared Emitters 880 nm
SFH484 SIEMENS-SFH484 Datasheet
48Kb / 5P
   GaAIAs-IR-Lumineszenzdioden 880 nm GaAIAs Infrared Emitters 880 nm
logo
OSRAM GmbH
SFH4580 OSRAM-SFH4580_12 Datasheet
159Kb / 9P
   GaAlAs-IR-Lumineszenzdioden (880 nm) in SMR짰 Geh채use
SFH486 OSRAM-SFH486 Datasheet
143Kb / 8P
   GaAlAs-IR-Lumineszenzdiode (880 nm)
SFH485P OSRAM-SFH485P Datasheet
187Kb / 13P
   GaAlAs Infrared Emitter (880 nm)
SFH487 OSRAM-SFH487 Datasheet
191Kb / 13P
   GaAlAs Infrared Emitter (880 nm)
SFH4580 OSRAM-SFH4580_02 Datasheet
81Kb / 7P
   GaAlAs Infrared Emitters (880 nm) in SMR짰 Package
logo
OSA Opto Light GmbH
SFH7221-Z OSA-SFH7221-Z Datasheet
85Kb / 8P
   GaAlAs-IR-Lumineszenzdiode (880 nm) und Si-Fototransistor GaAlAs-Infrared-Emitter (880 nm) and Si-Phototransistor
logo
List of Unclassifed Man...
PDI-G103 ETC2-PDI-G103 Datasheet
45Kb / 1P
   GaAlAs (880 nm peak) Photodiode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com