Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

41815-0634 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 41815-0634
Description  KK 156 HOUSING PCB 41815 SERIES
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

41815-0634 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  41815-0634 Datasheet HTML 1Page - Molex Electronics Ltd. 41815-0634 Datasheet HTML 2Page - Molex Electronics Ltd. 41815-0634 Datasheet HTML 3Page - Molex Electronics Ltd. 41815-0634 Datasheet HTML 4Page - Molex Electronics Ltd. 41815-0634 Datasheet HTML 5Page - Molex Electronics Ltd. 41815-0634 Datasheet HTML 6Page - Molex Electronics Ltd. 41815-0634 Datasheet HTML 7Page - Molex Electronics Ltd. 41815-0634 Datasheet HTML 8Page - Molex Electronics Ltd. 41815-0634 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
KK 156 PCB ASSY 2-15 CKT
41815
SERIES
REV:
ECR/ECN INFORMATION:
TITLE:
KK 156 HOUSING ASSY PCB
41815 SERIES DWG
SHEET No.
AN1
EC NO.
UCP2012-3600
- 3 -
DATE:
5/14/2012
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SDA-41815
MMSTROH
MKIPPER
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
Assy. Proc:
TOP ENTRY
Assy. Proc:
TOP ENTRY
Housing No:
41815-N-AN
Housing No:
41815-N-AN
Options
WITH RAMP
Options
WITH RAMP
Terminal No:
2144-BA-A1AA-197B
Terminal No:
2144-BA-A1AA-208B
Term Matl:
PHOS BRONZE
Term Matl:
PHOS BRONZE
Plating:
197 – TIN
Plating:
208 – 15 GOLD
Dim C:
(3.05) / .120
Dim C:
(3.05) / .120
Voids:
NONE
Voids:
NONE
Hooks Cut:
NO
Hooks Cut:
NO
Packaging:
PK-41815-001 TRAY
Packaging:
PK-41815-001 TRAY
Ckts
Material No
Engineer Number
Material No
Engineer Number
2
09-48-4028
A-41815-0058
09-48-5025
A-41815-0072
3
09-48-4038
A-41815-0059
09-48-5035
A-41815-0073
4
09-48-4048
A-41815-0060
09-48-5045
A-41815-0074
5
09-48-4058
A-41815-0061
09-48-5055
A-41815-0075
6
09-48-4068
A-41815-0062
09-48-5065
A-41815-0076
7
09-48-4078
A-41815-0063
09-48-5075
A-41815-0077
8
09-48-4088
A-41815-0064
09-48-5085
A-41815-0078
9
09-48-4098
A-41815-0065
09-48-5095
A-41815-0079
10
09-48-4108
A-41815-0066
09-48-5105
A-41815-0080
11
09-48-4118
A-41815-0067
09-48-5115
A-41815-0081
12
09-48-4128
A-41815-0068
09-48-5125
A-41815-0082
13
09-48-4138
A-41815-0069
09-48-5135
A-41815-0083
14
09-48-4148
A-41815-0070
09-48-5145
A-41815-0084
15
09-48-4158
A-41815-0071
09-48-5155
A-41815-0085


Similar Part No. - 41815-0634

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
41815 MOLEX-41815 Datasheet
806Kb / 2P
   KK® 396 Reflow Process Compatible (RPC) Compatible (RPC)
2014.05
More results

Similar Description - 41815-0634

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
009481024 MOLEX-009481024 Datasheet
343Kb / 11P
   KK 156 HOUSING PCB 41815 SERIES
1987/01/28
09-52-1026 MOLEX11-09-52-1026 Datasheet
200Kb / 6P
   KK 156 PCB ASSY 2145 RIGHT ANGLE SERIES
09-62-6024 MOLEX11-09-62-6024 Datasheet
186Kb / 4P
   KK 156 PCB ASSY 2145 BOTTOM ENTRY SERIES
09-52-1023 MOLEX11-09-52-1023 Datasheet
183Kb / 4P
   KK 156 HOUSING ASSY PC TAIL TOP ENTRY
09-50-8021-P MOLEX11-09-50-8021-P Datasheet
261Kb / 2P
   (3.96)/.156 CENTERLINE CONNECTOR HOUSING FOR KK CRIMP TERMINALS
09-50-8020 MOLEX11-09-50-8020 Datasheet
263Kb / 1P
   (3.96) /.156 CENTERLINE CONNECTOR HOUSING FOR KK CRIMP TERMINAL
logo
Adam Technologies, Inc.
LHB12SA1 ADAM-TECH-LHB12SA1 Datasheet
129Kb / 1P
   .156 HEADER & HOUSING .156 [3.96] CENTERLINE
logo
Molex Electronics Ltd.
0026034030 MOLEX3-0026034030 Datasheet
424Kb / 4P
   3.96mm (.156") Pitch KK Crimp Terminal Housing - Use With Trifurcon Terminals, Friction Ramp
0026033181 MOLEX3-0026033181 Datasheet
424Kb / 4P
   3.96mm (.156") Pitch KK Crimp Terminal Housing - Use With Trifurcon Terminals, 18 Circuits
0026033221 MOLEX3-0026033221 Datasheet
424Kb / 4P
   3.96mm (.156") Pitch KK Crimp Terminal Housing - Use With Trifurcon Terminals, 22 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com