Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

591-3101-202 Datasheet(PDF) 10 Page - Dialight Corporation

Part # 591-3101-202
Description  Prism짰 CBI짰 LED Circuit Board Indicators Micro LED짰 Surface Mount LEDs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

591-3101-202 Datasheet(HTML) 10 Page - Dialight Corporation

Back Button 591-3101-202 Datasheet HTML 6Page - Dialight Corporation 591-3101-202 Datasheet HTML 7Page - Dialight Corporation 591-3101-202 Datasheet HTML 8Page - Dialight Corporation 591-3101-202 Datasheet HTML 9Page - Dialight Corporation 591-3101-202 Datasheet HTML 10Page - Dialight Corporation 591-3101-202 Datasheet HTML 11Page - Dialight Corporation 591-3101-202 Datasheet HTML 12Page - Dialight Corporation 591-3101-202 Datasheet HTML 13Page - Dialight Corporation 591-3101-202 Datasheet HTML 14Page - Dialight Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
www.dialight.com
Right Angle
Dialight
Part Number
Color
Material
Dom .
λ Typ.
(nm)
Intensity
Typ. (mcd)
Forward
Voltage
Typ. (V)
Viewing
Angle
Height
Test
Current
(mA)
Fig
Type
1208 Series Package (3.0mm X 2.0mm X Height)
597-2002-407F
Red
AlInGaP
626
50
1.9
130
1
20
16
Single Color
597-2111-407F
Red
GaAIAs
647
12.4
1.7
130
1
20
16
Single Color
597-2201-407F
Amber
GaAsP/GaP
606
3
2.2
130
1
20
16
Single Color
597-2212-407F
Orange
AlInGaP
605
65
1.9
130
1
20
16
Single Color
597-2222-407F
Yellow
AlInGaP
590
65
1.9
130
1
20
16
Single Color
597-2311-407F
Green
GaP
567
5.2
2.1
130
1
20
16
Single Color
597-2401-407F
Yellow
GaAsP/GaP
590
3
2.2
130
1
20
16
Single Color
597-2413-407F
Yellow
GaAsP/GaP
586
8.8
2.1
130
1
25
16
Single Color
597-2002-607F
Red
AlInGaP
631
125
2.0
130
1
20
17
Single Color
597-2211-607F
Orange
AlInGaP
605
125
2.0
130
1
20
17
Single Color
597-2222-607F
Yellow
AlInGaP
589
125
2.0
130
1
20
17
Single Color
597-2501-607F
Green
AlInGaP
572
50
2.0
130
1
20
17
Single Color
597-2601-607F
Green
InGaN
525
195
3.2
130
1
20
17
Single Color
597-2901-607F
Blue
InGaN
470
125
3.0
130
1
20
17
Single Color
597-2723-607F Yellow/Green
AlInGaP
589/571
75/35
2.0
130
1
20
18
Bi-Color
597-2751-607F
Red/Green
AlInGaP
631/571
45/35
2.0
130
1
20
18
Bi-Color
597-2712-607F
Red/
Green/
Blue
AlInGaP/
InGaN/
InGaN
624/
525/
470
110/
280/
100
2/
3.5/
3.5
130
1
20
19
Tri-Color
1208 Series Package (3.2mm X 1.5mm X Height) Note size difference
598-8310-117F
Red
AlInGaP
635
40
2.2
140
1
20
20
Single Color
598-8320-117F
Red-Orange
AlInGaP
625
150
2
140
1
20
20
Single Color
598-8330-117F
Orange
AlInGaP
605
80
2
140
1
20
20
Single Color
598-8340-117F
Yellow
AlInGaP
593
130
2
140
1
20
20
Single Color
598-8350-117F
Yellow
AlInGaP
587
130
2
140
1
20
20
Single Color
598-8360-117F Yellow-Green
AlInGaP
573
40
2
140
1
20
20
Single Color
598-8370-117F
Green
GaP
566
20
3.2
140
1
20
20
Single Color
598-8380-117F
Green
InGan
523
220
3.2
140
1
20
20
Single Color
598-8391-117F
Blue
InGan
473
90
3.2
140
1
20
20
Single Color
598-8510-207F
Red / Green
AlInGaP
635 / 565
60 / 40
2 / 2
160
1
20
21
Bi-Color
598-8520-207F
Red Orange /
Green
AlInGaP
625 / 568
110 / 40
2
160
1
20
21
Bi-Color
598-8530-207F
Orange /
Green
AlInGaP
605 / 568
100 / 40
2 / 2
160
1
20
21
Bi-Color
598-8540-207F Yellow / Green
AlInGaP
590 / 570
135 / 50
2 / 2
160
1
20
21
Bi-Color
598-8550-207F Yellow / Green
AlInGaP /
InGaN
592 / 530
120 / 120
2 / 3.2
160
1
20
21
Bi-Color
598-8560-207F
Yellow / Red
AlInGaP
590 / 640
135 / 50
2 / 2.2
160
1
20
21
Bi-Color
598-8810-307F
Red / Green /
Blue
AlInGaP /
InGaN /
InGaN
635 / 525 /
470
60 / 120 / 90
2 / 3.2 /
3.2
160
1
20
22
Tri-Color
598-8820-307F
Red-Orange /
Green / Blue
AlInGaP /
InGaN /
InGaN
625 / 525 /
470
120 / 150 /
60
2 / 3.2 /
3.2
160
1
20
22
Tri-Color
598-8840-307F
Yellow / Green /
Blue
AlInGaP /
InGaN /
InGaN
590 / 525 /
475
110 / 220 /
90
2 / 3.2 /
3.2
160
1
20
22
Tri-Color
1616 Series Package with Reflector (4mm X 4mm X Height)
597-2001-213F
Red
Gap/GaAsP
630
7.8
1.8
120
3.6
2
23
Single Color
597-2201-815F
Yellow
AllnGaP
587
590
2.1
120
3.6
20
23
Single Color
597-2301-213F
Green
GaP/GaP
570
5.6
1.8
120
3.6
2
23
Single Color
597-2321-816F
Green
InGaN
528
627
3.5
120
3.6
20
23
Single Color
597-2401-213F
Yellow
Gap/GaAsP
587
14
1.8
120
3.6
2
23
Single Color
597-2301-824F
Green
AllnGaP
570
78
2.0
120
3.6
20
23
Single Color
597-2601-817F
Blue
InGaN
470
157
3.6
120
3.6
20
23
Single Color
597-2901-822F
White
InGaN
x: 0.33
y: 0.33
532
3.6
120
3.6
20
23
Single Color
Right Angle
10


Similar Part No. - 591-3101-202

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
591-3101-002 DIALIGHT-591-3101-002 Datasheet
27Kb / 2P
   3mm Prism CBICircuit Board Indicator Surface Mount LED, Round Lens
591-3101-007 DIALIGHT-591-3101-007 Datasheet
27Kb / 2P
   3mm Prism CBICircuit Board Indicator Surface Mount LED, Round Lens
591-3101-013 DIALIGHT-591-3101-013 Datasheet
27Kb / 2P
   3mm Prism CBICircuit Board Indicator Surface Mount LED, Round Lens
More results

Similar Description - 591-3101-202

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
592-3030-013F DIALIGHT-592-3030-013F Datasheet
161Kb / 2P
   3mm Bi-level Prism짰 CBI짰 Surface Mount LED BI-COLOR
595-2401-007F DIALIGHT-595-2401-007F Datasheet
23Kb / 1P
   2mm Prism짰 CBI짰Circuit Board Indicator Surface Mount LED
595-2301-007F DIALIGHT-595-2301-007F Datasheet
23Kb / 1P
   2mm Prism짰 CBI짰Circuit Board Indicator Surface Mount LED
550-3010 DIALIGHT-550-3010 Datasheet
37Kb / 3P
   5mm LED CBI짰 Circuit Board Indicator For Backlighting
logo
AVAGO TECHNOLOGIES LIMI...
HSMX-A2-XX-XXXXX AVAGO-HSMX-A2-XX-XXXXX Datasheet
298Kb / 16P
   Surface Mount LED Indicators, PLCC-4 SMT LEDs
logo
Dialight Corporation
551-0607F DIALIGHT-551-0607F Datasheet
78Kb / 9P
   3mm LED CBI짰 Circuit Board Indicator .200??High LED Centerline
logo
Visual Communications C...
CM1015 VCC-CM1015 Datasheet
101Kb / 1P
   Circuit Board Indicators
logo
Dialight Corporation
571-0112-100F DIALIGHT-571-0112-100F Datasheet
36Kb / 2P
   2mm LED CBI짰 Circuit Board Indicator (DIN 41494 Compatible), Bi-Level
598-8610-302F DIALIGHT-598-8610-302F Datasheet
1Mb / 2P
   Micro LED짰 SMD LED ??98 SERIES??1210 PACKAGE
5988020107F DIALIGHT-5988020107F Datasheet
1Mb / 2P
   Micro LED짰 SMD LED ??98 SERIES??0603 PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com