Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

558-3101-023F Datasheet(PDF) 1 Page - Dialight Corporation

Part # 558-3101-023F
Description  558 Series Snap-in LED - .156??Mounting Hole
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

558-3101-023F Datasheet(HTML) 1 Page - Dialight Corporation

  558-3101-023F Datasheet HTML 1Page - Dialight Corporation 558-3101-023F Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
558 Series
Snap-in LED - .156” Mounting Hole
Panel Mount Indicators
Mechanical Information
Mounting Hole Size:
0.155 - 0.158" (3.94 - 4.01 mm)
Panel Thickness:
0.031 - 0.062" (.787 - 1.57 mm)
Electrical Specifications
Operating Voltage:
1.8 - 2.1 VDC typical (current limiting resistor
required)
5 VDC typical (resistor not required)
Operating Temp:
See table
Storage Temp:
(-67°F to +212°F) -55°C to +100°C
Electrical connection: Straight terminals for wire wrapping or either
6 or 14 inch 24 AWG lead wire
Leads:
Straight leads
2 leads
Construction
Housing:
Black housing material meets:
UL94V-0 and enhances LED contrast
Features & Benefits
RoHS compliant
Long life - typically 100K hours
Low power consumption - uses up to 90% less energy
than an incandescent indicator
Front panel snap-in mounting requires no additional hardware
No heat generated
Resistant to shock and vibration
Termination - straight terminals for wire wrapping or
lead wire for soldering or optional terminals
Three leaded bicolor version allows for additional color variations
Available with PVC-free lead wires
Application
Dialight's 558 series LED panel mount indicator is available with a variety
of LEDs including AlInGaP and InGaN technology for high brightness
applications, bicolor and integral resistors.
These indicators are
designed for a variety of applications such as:
Fan tray assemblies
Datacenter Infrastructure (Servers and Storage)
Networking Equipment (Switches and routers)
Storage Networking Hardware (Fibre channel host bus adapter cards)
Next-Gen Wireless Infrastructure
Electronic Test & Measurement Instruments
Communications Testing Equipment
Process controls
Automation
Medical Equipment
Handheld devices
www.dialight.com
ø .190
(4.83)
Min. .755
See
Termination
“A”±.015
“B”±.020
ANODE
LEAD
.20
(.51)
SQ. TYP
NOM
.100±.015
(2.54±0.38)
.040
(1.01)
MIN
CATHODE
LEAD
RED
WIRE
ø .3mm LED
“A”±.015
“B”±.020
.125
(3,17)
REF.
BLACK
WIRE
PIN 1
PIN 2
.500±.032
(12.7±0.81)
ø .190
(4,83)
HOUSING
(VALOX)
PIN 2
ANODE
(+)
PIN 1
CATHODE
(-)
SINGLE COLOR LED SCHEMATIC
BI-COLOR LED SCHEMATIC
PIN 2
GREEN
CATHODE
PIN 1
RED CATHODE
FOR R/G LED
YELLOW CATHODE
FOR Y/G LED


Similar Part No. - 558-3101-023F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
558-3101-001F DIALIGHT-558-3101-001F Datasheet
102Kb / 2P
   Snap-in LED - .156' Mounting Hole Panel Mount Indicators
558-3101-003F DIALIGHT-558-3101-003F Datasheet
102Kb / 2P
   Snap-in LED - .156' Mounting Hole Panel Mount Indicators
558-3101-007F DIALIGHT-558-3101-007F Datasheet
102Kb / 2P
   Snap-in LED - .156' Mounting Hole Panel Mount Indicators
More results

Similar Description - 558-3101-023F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
558-3001-001F DIALIGHT-558-3001-001F Datasheet
102Kb / 2P
   Snap-in LED - .156' Mounting Hole Panel Mount Indicators
558-0102-001F DIALIGHT-558-0102-001F Datasheet
126Kb / 2P
   5V Integral Resistor Snap-in LED - .156' Mounting Hole Panel Mount Indicators
559-5501-001F DIALIGHT-559-5501-001F_12 Datasheet
206Kb / 2P
   559 Series Snap-in LED - .250??Mounting Hole
559-5901-001F DIALIGHT-559-5901-001F Datasheet
134Kb / 2P
   Snap-in LED - .250' Mounting Hole Panel Mount Indicators
559-1101-001F DIALIGHT-559-1101-001F Datasheet
104Kb / 2P
   Snap-in LED (.250' Mounting Hole) Panel Mount Indicators
559-3001-001F DIALIGHT-559-3001-001F Datasheet
182Kb / 2P
   Snap-in LED - .250' Mounting Hole Panel Mount Indicators
559-0102-001F DIALIGHT-559-0102-001F Datasheet
146Kb / 2P
   Snap-in LED - .250' Mounting Hole Panel Mount Indicators
515-0006F DIALIGHT-515-0006F Datasheet
199Kb / 1P
   3mm LED Snap-In Mounting Clip
logo
Delta Electronics, Inc.
06A2D DELTA-06A2D Datasheet
2Mb / 3P
   SNAP-IN MOUNTING
logo
ZF Friedrichshafen AG
E65 ZFSWITCHES-E65 Datasheet
357Kb / 3P
   Snap in mounting
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com