Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP-300-48 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # MSP-300-48
Description  300W Single Output Medical Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

MSP-300-48 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  MSP-300-48 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. MSP-300-48 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. MSP-300-48 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. MSP-300-48 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
¡E
¡E
¡E
¡E
¡E
¡E
¡E
¡E
¡E
¡E
¡E
¡E
¡E
¡E
Universal AC input / Full range
Built-in active PFC function, PF>0.95
High efficiency up to 89%
Protections: Short circuit / Overload / Over voltage / Over temperature
DC OK signal
emote ON-OFF control
Standby 5V@0.3A
No load power consumption<0.5W (Note.6)
5 years warranty
Withstand 300VAC surge input for 5 seconds
Built-in constant current limiting circuit
1U low profile 41mm
Built-in cooling fan ON-OFF control
Built-in
Built-in r
Built-in remote sense function
SPECIFICATION
MSP-300-3.3
MSP-300-5
MSP-300-7.5
MSP-300-12
MSP-300-15
MSP-300-24
MSP-300-36
MSP-300-48
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
RIPPLE&NOISE(max.) Note.2
OUTPUT
VOLTAGE ADJ.RANGE
VOLTAGETOLERANCE Note.3
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
Note.5
FREQUENCY RANGE
POWERFACTOR (Typ.)
EFFICIENCY (Typ.)
INPUT
ENVIRONMENT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
OVERTEMPERATURE
SAFETY STANDARDS
SAFETY &
EMC
(Note4)
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
WORKINGTEMP.
DCOKSIGNAL
REMOTECONTROL
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
PROTECTION
ACCURRENT (Typ.)
3.3V
5V
7.5V
12V
15V
24V
36V
48V
60A
60A
40A
27A
22A
14A
9A
7A
0~60A
0~60A
0~40A
0~27A
0~22A
0~14A
0~9A
0~7A
198W
300W
300W
324W
330W
336W
324W
336W
80mVp-p
90mVp-p
100mVp-p
120mVp-p
150mVp-p
150mVp-p
250mVp-p
250mVp-p
2.8~3.8V
4.3~5.8V
6.8~9V
10.2~13.8V
13.5~18V
21.6~28.8V
28.8~39.6V
40.8~55.2V
¡Ó2.5%
¡Ó2.0%
¡Ó2.0%
¡Ó1.0%
¡Ó1.0%
¡Ó1.0%
¡Ó1.0%
¡Ó1.0%
¡Ó0.5%
¡Ó0.5%
¡Ó0.5%
¡Ó0.3%
¡Ó0.3%
¡Ó0.2%
¡Ó0.2%
¡Ó0.2%
¡Ó1.0%
¡Ó1.0%
¡Ó1.0%
¡Ó0.5%
¡Ó0.5%
¡Ó0.5%
¡Ó0.5%
¡Ó0.5%
1000ms,50ms/230VAC2500ms,50ms/115VACatfullload
16ms/230VAC16ms/115VACatfullload
85~264VAC120~370VDC
47~63Hz
PF>0.95/230VACPF>0.99/115VACatfullload
80%
82%
6~7V
9.4~10.9V
14.4~16.8V
18.8~21.8V
30~34.8V
41.4~48.6V
57.6~67.2V
86%
88%
88%
87%
88%
89%
4.5A/115VAC2.25A/230VAC
35A/115VAC70A/230VAC
105~135%ratedoutputpower
3.96~4.62V
Protectiontype: Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
100
5
for3.3V,5V,7.5V;95
5
forothers(TSW2:
powerdiod
¢J¡Ó ¢J
¢J¡Ó ¢J
detectonheatsinkof
e)
90
5
(TSW1:
¢J¡Ó ¢J
detectonheatsinkofpowertransistor)
ANSI/AAMIES60601-1,IEC60601-1approved
CompliancetoEN55011(CISPR11)ClassB, EN61000-3-2,-3
CompliancetoEN61000-4-2,3,4,5,6,8,11,EN60601-1-2
I/P-O/P:4KVACI/P-FG:2KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC/25
/70%RH
¢J
-40~+70
¢J (Referto"DeratingCurve")
RC+/RC-:4~10Voropen=poweron;0~0.8Vorshort=poweroff
PSUturnson:3.3~5.6V;PSUturnsoff:0~1V
20~90%RHnon-condensing
-40~+85
,10~95%RH
¢J
¡Ó
¢J
¢J
0.03%/
(0~50
)
10~500Hz,5G10min./1cycle,60min.eachalongX, Y,Zaxes
176Khrsmin.MIL-HDBK-217F(25
)
¢J
199*105*41mm(L*W*H)
FileName:MSP-300-SPEC2012-05-29
¡½ Features :
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
5. Derating may be needed under low input voltages. Please check the derating curve for more details.
6. No load power consumption<0.5W when RC- & RC+ (CN100 pin4,6) 0 ~ 8V or short.
¢J
For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
M S P - 3 0 0 series
300WSingleOutputMedical Type
FUNCTION
0.95Kg;15pcs/15.3Kg/0.69CUFT
5VSTANDBY
5VSB:5V@0.3A ;tolerance
5%,ripple:50mVp-p(max.)
¡Ó
FANCONTROL (Typ.)
Load35 15%orRTH2
50
Fanon
¡Ó
¡Ù ¢J
EMCIMMUNITY
EMCEMISSION
Earthleakagecurrent<450 A/264VAC, Touchleakagecurrent<100 A/264VAC
£g
£g


Similar Part No. - MSP-300-48

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
MSP-3-01 RICHCO-MSP-3-01 Datasheet
57Kb / 1P
   MINATURE SUPPORT POST
MSP-3-19 RICHCO-MSP-3-19 Datasheet
57Kb / 1P
   MINATURE SUPPORT POST
More results

Similar Description - MSP-300-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RPS-300 MEANWELL-RPS-300 Datasheet
1Mb / 2P
   300W Single Output Medical Type
logo
Total Power Internation...
MPS-65 TOTAL-POWER-MPS-65 Datasheet
343Kb / 2P
   65W Single Output Medical Type
MPS-45 TOTAL-POWER-MPS-45 Datasheet
345Kb / 2P
   45W Single Output Medical Type
logo
Mean Well Enterprises C...
MSP-450 MEANWELL-MSP-450 Datasheet
98Kb / 3P
   450W Single Output Medical Type
RPS-160 MEANWELL-RPS-160 Datasheet
412Kb / 2P
   160W Single Output Medical Type
MPS-65 MEANWELL-MPS-65 Datasheet
335Kb / 2P
   65W Single Output Medical Type
RPS-60 MEANWELL-RPS-60 Datasheet
287Kb / 2P
   60W Single Output Medical Type
MPS-45_1112 MEANWELL-MPS-45_1112 Datasheet
321Kb / 2P
   45W Single Output Medical Type
RPS-45 MEANWELL-RPS-45 Datasheet
102Kb / 4P
   45W Single Output Medical Type
RPS-160 MEANWELL-RPS-160_12 Datasheet
404Kb / 2P
   160W Single Output Medical Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com