Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

559-0302-003F Datasheet(PDF) 1 Page - Dialight Corporation

Part # 559-0302-003F
Description  559 Series Snap-in LED - .250??Mounting Hole
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

559-0302-003F Datasheet(HTML) 1 Page - Dialight Corporation

  559-0302-003F Datasheet HTML 1Page - Dialight Corporation 559-0302-003F Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
559 Series
Snap-in LED - .250” Mounting Hole
Panel Mount Indicators
Mechanical Information
Mounting Hole Size:
0.249 - 0.252" (6.32 - 6.40 mm)
Panel Thickness:
0.031 - 0.062" (.787 - 1.57 mm)
Electrical Specifications
Operating Voltage:
1.6 - 2.3 VDC typical (current limiting resistor
required)
5 VDC typical (resistor not required)
12 VDC typical (resistor not required)
24 VDC typical (resistor not required)
Operating Temp:
See table
Storage Temp:
(-67°F to +212°F) -55°C to +100°C
Electrical connection: Straight terminals for wire wrapping or either
6 or 14 inch 24 AWG lead wire
Leads:
Straight leads
2 leads
3 leads - common cathode
Construction
Housing:
Black housing material meets:
UL94V-0 and enhances LED contrast
Features & Benefits
RoHS compliant
Long life - typically 100K hours
Low power consumption - uses up to 90% less energy
than an incandescent indicator
Front panel snap-in mounting requires no additional hardware
No heat generated
Resistant to shock and vibration
Available in both 2 or 3 bicolor leaded versions
Termination - straight terminals for wire wrapping or
lead wire for soldering or optional terminals
Three leaded bicolor version allows for additional color variations
Available with PVC-free lead wires
Application
Dialight's 559 series LED panel mount indicator is available with a variety
of LEDs including AlInGaP and InGaN technology for high brightness
applications, bicolor and integral resistors. These indicators are designed
for a variety of applications such as:
Fan tray assemblies
Datacenter Infrastructure (Servers and Storage)
Next-Gen Wireless Infrastructure
Electronic Test & Measurement Instruments
Communications Testing Equipment
Process controls
Automation
Medical Equipment
Handheld devices
www.dialight.com
See
Termination
LED 3 LEADED
BI-COLOR
.032
NOM.
.438
NOM.
ULTRASONIC CRIMP
OR EPOXY ON ALL
3 LEADS.
(SIDE OPTIONAL)
GREEN WIRE IS
GREEN ANODE
FOR
BOTH R/G AND Y/G
BI-COLOR LEDS
COMMON CATHODE
& BLACK WIRE LEAD
FOR BOTH R/G AND Y/G
BI-COLOR LEDS
RED WIRE IS RED ANODE FOR
R/G BI-COLOR LEDS
RED WIRE IS YELLOW ANODE
FOR Y/G BI-COLOR LED
A±.109
.212 MAX
ø5mm LED
ø.281
(7,14)
ANODE LEAD (+)
.50±.03
(12,7±0,76)
RED WIRE
BLACK WIRE
CATHODE LEAD (-)
.50±.005
(1,47±0,127)
TYP.
HOUSING
(VALOX)
HOUSING
(VALOX)
ø5mm LED
.210 (5,33) MAX
.125±.005
(3,17±0,12)
.025 SQ
(0,64)
REF
.050 REF (1,27)
CATHODE LEAD (-)
.300
(7,62)
MIN
.625
(15,88)
Max
.210
(5,33)
Max
ø.281
(7,14)
REF
PIN 2
PIN 1
CATHODE
SINGLE COLOR LED SCHEMATIC
BI-COLOR LED SCHEMATIC
PIN 2
GREEN
CATHODE
PIN 1
RED CATHODE
FOR R/G LED
YELLOW CATHODE
FOR Y/G LED


Similar Part No. - 559-0302-003F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
559-0302-003F DIALIGHT-559-0302-003F Datasheet
146Kb / 2P
   Snap-in LED - .250' Mounting Hole Panel Mount Indicators
More results

Similar Description - 559-0302-003F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
559-5901-001F DIALIGHT-559-5901-001F Datasheet
134Kb / 2P
   Snap-in LED - .250' Mounting Hole Panel Mount Indicators
559-1101-001F DIALIGHT-559-1101-001F Datasheet
104Kb / 2P
   Snap-in LED (.250' Mounting Hole) Panel Mount Indicators
559-3001-001F DIALIGHT-559-3001-001F Datasheet
182Kb / 2P
   Snap-in LED - .250' Mounting Hole Panel Mount Indicators
559-0102-001F DIALIGHT-559-0102-001F Datasheet
146Kb / 2P
   Snap-in LED - .250' Mounting Hole Panel Mount Indicators
558-0102-001F DIALIGHT-558-0102-001F_12 Datasheet
145Kb / 2P
   558 Series Snap-in LED - .156??Mounting Hole
558-3001-001F DIALIGHT-558-3001-001F Datasheet
102Kb / 2P
   Snap-in LED - .156' Mounting Hole Panel Mount Indicators
515-0006F DIALIGHT-515-0006F Datasheet
199Kb / 1P
   3mm LED Snap-In Mounting Clip
logo
Delta Electronics, Inc.
06A2D DELTA-06A2D Datasheet
2Mb / 3P
   SNAP-IN MOUNTING
logo
ZF Friedrichshafen AG
E65 ZFSWITCHES-E65 Datasheet
357Kb / 3P
   Snap in mounting
logo
List of Unclassifed Man...
SK-1015 ETC2-SK-1015 Datasheet
128Kb / 1P
   SNAP-IN MOUNTING
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com