Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBR1060CT Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SBR1060CT
Description  SUPER BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR1060CT Datasheet(HTML) 2 Page - Diodes Incorporated

  SBR1060CT_12 Datasheet HTML 1Page - Diodes Incorporated SBR1060CT_12 Datasheet HTML 2Page - Diodes Incorporated SBR1060CT_12 Datasheet HTML 3Page - Diodes Incorporated SBR1060CT_12 Datasheet HTML 4Page - Diodes Incorporated SBR1060CT_12 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SBR is a registered trademark of Diodes Incorporated.
SBR1060
Document number: DS30960 Rev. 7 - 2
2 of 5
www.diodes.com
June 2012
© Diodes Incorporated
SBR1060CT
SBR1060CTFP
Maximum Ratings (Per Leg) @TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VRM
60
V
Average Rectified Output Current Per Device
(Per Leg)
(Total)
IO
5
10
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
120
A
Peak Repetitive Reverse Surge Current (2
μS-1kHz)
IRRM
2
A
Isolation Voltage (ITO-220AB Only)
From terminal to heatsink t = 3 sec.
VAC
2000
V
Thermal Characteristics (Per Leg)
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance
Package = TO-220AB
Package = ITO-220AB
RθJC
2
4
ºC/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
ºC
Electrical Characteristics (Per Leg) @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Forward Voltage Drop
VF
-
-
-
0.68
0.57
V
IF = 5A, TJ = 25ºC
IF = 5A, TJ = 125ºC
Leakage Current (Note 6)
IR
-
-
0.5
100
mA
VR = 60V, TJ = 25ºC
VR = 60V, TJ = 125ºC
Notes:
6. Short duration pulse test used to minimize self-heating effect.
Fig. 1 Forward Power Dissipation
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
02
4
6
8
I
, AVERAGE FORWARD CURRENT (A)
F(AV)
0
Fig. 2 Typical Forward Characteristics
0.0001
0.001
0.01
0.1
1
10
100
0
300
600
900
1,200
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
F
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A


Similar Part No. - SBR1060CT_12

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR1060CT-G DIODES-SBR1060CT-G Datasheet
175Kb / 5P
   10A SBR짰 SUPER BARRIER RECTIFIER
SBR1060CTFP DIODES-SBR1060CTFP Datasheet
139Kb / 3P
   10A SBR Super Barrier Rectifier
SBR1060 Rev. 2
SBR1060CTFP DIODES-SBR1060CTFP Datasheet
175Kb / 5P
   10A SBR짰 SUPER BARRIER RECTIFIER
SBR1060CTFP-G DIODES-SBR1060CTFP-G Datasheet
175Kb / 5P
   10A SBR짰 SUPER BARRIER RECTIFIER
SBR1060CTFP-JT DIODES-SBR1060CTFP-JT Datasheet
175Kb / 5P
   10A SBR짰 SUPER BARRIER RECTIFIER
More results

Similar Description - SBR1060CT_12

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR20A150CT DIODES-SBR20A150CT_08 Datasheet
166Kb / 3P
   SUPER BARRIER RECTIFIER
DS30967 Rev. 3 - 2
logo
List of Unclassifed Man...
SBR20A40CTF ETC1-SBR20A40CTF Datasheet
61Kb / 2P
   SUPER BARRIER RECTIFIER
logo
Diodes Incorporated
SBR1045CTL DIODES-SBR1045CTL Datasheet
79Kb / 4P
   SUPER BARRIER RECTIFIER
logo
List of Unclassifed Man...
SBR20150CT ETC-SBR20150CT Datasheet
136Kb / 3P
   SUPER BARRIER RECTIFIER
SBR40U60PT ETC1-SBR40U60PT Datasheet
80Kb / 2P
   Super barrier rectifier
SBR40U100PT ETC1-SBR40U100PT Datasheet
80Kb / 2P
   Super barrier rectifier
SBR60A60CT ETC-SBR60A60CT Datasheet
77Kb / 2P
   Super barrier rectifier
SBR60A100CT ETC-SBR60A100CT Datasheet
78Kb / 2P
   Super barrier rectifier
SBR60A150CT ETC-SBR60A150CT Datasheet
77Kb / 2P
   Super barrier rectifier
SBR10150CT ETC1-SBR10150CT Datasheet
88Kb / 3P
   Super barrier rectifier
SBR2040CT ETC2-SBR2040CT Datasheet
93Kb / 3P
   Super Barrier Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com