Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

597-3312-407F Datasheet(PDF) 10 Page - Dialight Corporation

Part # 597-3312-407F
Description  Light Pipe Selector Guide Optopipe짰 Lightpipes
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

597-3312-407F Datasheet(HTML) 10 Page - Dialight Corporation

Back Button 597-3312-407F Datasheet HTML 6Page - Dialight Corporation 597-3312-407F Datasheet HTML 7Page - Dialight Corporation 597-3312-407F Datasheet HTML 8Page - Dialight Corporation 597-3312-407F Datasheet HTML 9Page - Dialight Corporation 597-3312-407F Datasheet HTML 10Page - Dialight Corporation 597-3312-407F Datasheet HTML 11Page - Dialight Corporation 597-3312-407F Datasheet HTML 12Page - Dialight Corporation 597-3312-407F Datasheet HTML 13Page - Dialight Corporation 597-3312-407F Datasheet HTML 14Page - Dialight Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Part Number
Drawing
Suggested
LED*
597-5XXX-407F
597-3111-407F
597-3201-407F
597-3311-407F
597-3401-407F
597-3111-407F
597-3201-407F
597-3311-407F
597-3401-407F
597-3111-407F
597-3201-407F
597-3311-407F
597-3401-407F
597-3XX1-407F
597-3111-407F
597-3201-407F
597-3311-407F
597-3401-407F
598-8210-107F
515-1030F
515-1071F
515-1069F
515-1020F
515-1020-804F
515-1020-805F
10
1.75±.02
(44.5±0,5)
.050±.008
(1,27±0,2)
.48
(12,2)
DIFFUSED FRONT SURFACE
TYP 4 PLCS
.46
(11,7)
.34
(8,6)
45
˚x.015
CHAMFER
TYP 4 PLCS
.6
+.00
- .01
(1,5
+0.0 )
- ,02
.550 TYP
(13,97)
NON-ACCUM
.06
(1,5)
Ø.063
MOUNTING PIN
TYP 3 PLCS
.550
(13,97)
TYP
2.75
(6,99)
Ø.100
(2,54)
TYP
.118±.015
(3±0,38)
.059
(1,5)
.240
(6,1)
.400
(10,16)
.050±.008
(1.27±0,2)
.040±.005
(1.02±0,2)
.075
(1,91)
.50
(12,7)
.250±.005
(6,35±0,12)
.140
(3,56)
TYP
.070
(1,78)
TYP
Ø.140± .005
(3,56±0,12)
TYP
Ø.079± .002
(2,01±0,05)
TYP
.250
(6,35)
.125
(3,18)
.094±.005
(2,39±0,12)
.165
(4,19)
.51
(13,1)
.118
(3)
.140
(3,56)
.17
(4,4)
LED
.074
(1,88)
.640±.008
(16,26±0,2)
.250
(6,35)
TYP
Ø.140
(3,56)
TYP 3 PLCS
.165
(4,19)
.094
(2,39)
.250
(6,35)
Ø
.079±.002
PRESS-FIT PIN
TYP 2 PLCS
.125
+.07
- .01
(3,18 +0.07 )
- 0,17
.342±.010
(8,69±0,25)
.118
(3)
.514±.008
(13,06±0,2)
.074
(1,88)
C.L. LED #1
C.L. LED
.165
.094
Ø
.140
(TYP)
.250
(TYP)
.125
+.005
- .007
.142
(TYP)
.118
(3MM)
DETAIL “A”
MOUNTING
PIN #1
.250
(TYP)
.140
(NOTE 2)
Ø.140
(3.56)
.250
(6,35)
.165
(4,19)
.094
(2,39)
.500
(12,7)
.125
+.07
- .01
(3,18 +0.07 )
- 0,17
.640±.010
(16,26±0,25)
.342±.010
(8,69±0,25)
.514±.010
(13,06±0,25)
.074
(1,88)
℄ LED
Ø.140
TYP; 3 PLCS
℄ LED #1
.250
℄ Mounting
PIN #1
.094
.21
(REF)
.118
TYP
.250 TYP
2 PLCS
.125
+.005 / -.007
.140
* ’X’ represents a variable part number. See page 17 for LED details.


Similar Part No. - 597-3312-407F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
597-3312-407F DIALIGHT-597-3312-407F Datasheet
169Kb / 1P
   SMT LED, 1206 PKG. W/ LENS RoHS COMPLIANT
More results

Similar Description - 597-3312-407F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
515-1027 DIALIGHT-515-1027 Datasheet
408Kb / 1P
   1.1mm Round Optopipe짰 Optical Light Pipe, Panel Mount
logo
Kingbright Corporation
KL-02 KINGBRIGHT-KL-02 Datasheet
36Kb / 1P
   LIGHT PIPE
logo
LUMEX INC.
LPA-S011331S LUMEX-LPA-S011331S Datasheet
41Kb / 1P
   LIGHT PIPE
logo
Kingbright Corporation
KL-07LS KINGBRIGHT-KL-07LS Datasheet
41Kb / 1P
   LIGHT PIPE
logo
LUMEX INC.
LPA-C051301S LUMEX-LPA-C051301S Datasheet
93Kb / 1P
   LIGHT PIPE
logo
ITT Industries
MKJ4A1F9-19P ITT-MKJ4A1F9-19P Datasheet
3Mb / 66P
   Selector Guide
logo
List of Unclassifed Man...
VLP-350-R ETC2-VLP-350-R Datasheet
196Kb / 1P
   vertical light pipe
logo
LUMEX INC.
LPF-R012305S LUMEX-LPF-R012305S Datasheet
79Kb / 1P
   CUSTOM LIGHT PIPE
logo
Richco, Inc.
VLP1-D-5 RICHCO-VLP1-D-5 Datasheet
75Kb / 1P
   VERTICAL LIGHT PIPE
logo
LUMEX INC.
LPF-R061252S-2 LUMEX-LPF-R061252S-2 Datasheet
79Kb / 1P
   CUSTOM LIGHT PIPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com