Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTP4003G Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXTP4003G
Description  100V PNP LED DRIVING TRANSISTOR IN SOT223
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP4003G Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXTP4003G Datasheet HTML 1Page - Diodes Incorporated ZXTP4003G Datasheet HTML 2Page - Diodes Incorporated ZXTP4003G Datasheet HTML 3Page - Diodes Incorporated ZXTP4003G Datasheet HTML 4Page - Diodes Incorporated ZXTP4003G Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ZXTP4003G
Datasheet Number: DS35459 Rev 1 - 2
4 of 5
www.diodes.com
December 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXTP4003G
Package Outline Dimensions
Suggested Pad Layout
SOT223
Dim
Min
Max
Typ
A
1.55
1.65
1.60
A1
0.010
0.15
0.05
b1
2.90
3.10
3.00
b2
0.60
0.80
0.70
C
0.20
0.30
0.25
D
6.45
6.55
6.50
E
3.45
3.55
3.50
E1
6.90
7.10
7.00
e
4.60
e1
2.30
L
0.85
1.05
0.95
Q
0.84
0.94
0.89
All Dimensions in mm
Dimensions
Value (in mm)
X1
3.3
X2
1.2
Y1
1.6
Y2
1.6
C1
6.4
C2
2.3
A1
A
X2
C1
C2
X1
Y2
Y1


Similar Part No. - ZXTP4003G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTP4003G DIODES-ZXTP4003G_15 Datasheet
108Kb / 5P
   100V PNP LED DRIVING TRANSISTOR IN SOT223
More results

Similar Description - ZXTP4003G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTP4003G DIODES-ZXTP4003G_15 Datasheet
108Kb / 5P
   100V PNP LED DRIVING TRANSISTOR IN SOT223
ZXTP4003Z DIODES-ZXTP4003Z_15 Datasheet
223Kb / 5P
   100V PNP LED DRIVING TRANSISTOR IN SOT89
ZXTP4003Z DIODES-ZXTP4003Z Datasheet
223Kb / 5P
   100V PNP LED DRIVING TRANSISTOR IN SOT89
ZXTP19100CG DIODES-ZXTP19100CG Datasheet
362Kb / 8P
   100V PNP medium transistor in SOT223
FZT593 DIODES-FZT593_15 Datasheet
562Kb / 7P
   100V PNP MEDIUM POWER TRANSISTOR IN SOT223
FZT953 DIODES-FZT953_15 Datasheet
315Kb / 7P
   100V PNP MEDIUM POWER TRANSISTOR IN SOT223
ZX5T953G DIODES-ZX5T953G_15 Datasheet
216Kb / 7P
   100V PNP MEDIUM POWER TRANSISTOR IN SOT223
FZT753 DIODES-FZT753_15 Datasheet
853Kb / 7P
   100V PNP HIGH PERFORMANCE TRANSISTOR IN SOT223
ZXTN4002Z(1) DIODES-ZXTN4002Z(1)_15 Datasheet
279Kb / 5P
   100V NPN LED DRIVING TRANSISTOR IN SOT89
ZXTN4002Z DIODES-ZXTN4002Z_15 Datasheet
279Kb / 5P
   100V NPN LED DRIVING TRANSISTOR IN SOT89
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com