Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7938A Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT7938A
Description  Performance White LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7938A Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT7938A Datasheet HTML 5Page - Holtek Semiconductor Inc HT7938A Datasheet HTML 6Page - Holtek Semiconductor Inc HT7938A Datasheet HTML 7Page - Holtek Semiconductor Inc HT7938A Datasheet HTML 8Page - Holtek Semiconductor Inc HT7938A Datasheet HTML 9Page - Holtek Semiconductor Inc HT7938A Datasheet HTML 10Page - Holtek Semiconductor Inc HT7938A Datasheet HTML 11Page - Holtek Semiconductor Inc HT7938A Datasheet HTML 12Page - Holtek Semiconductor Inc HT7938A Datasheet HTML 13Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Rev. 1.00
9
April 19, 2012
HT7938A
06 %'!&)
VI N
EN
SW
OV P
FB
10 m H/ 22 m H
GN D
1N 5819
10 k W
PW M Si gna l
150k W
0. 1 m F
10 k W
V IN
C1
1 m F
C2
4. 7 m F
R FB
15 W
10 S1 P
V OU T
Fig.16 Application for Dimming Control Using a Filtered PWM Signal
Note:Astheaboveapplicationcircuitsareunabletoshowthefulldrivecapabilitiesandseries/paralleldrive
combinationsofthisdevicethefollowingsupplementalinformationisprovided.
Forthegeneralfullvoltagerangesituation:
1.VinVariableVoltageof2.6V~5.5V
2.LEDforwardvoltageof3.5Vmax.
Maximum LED Drive Capability
Series
Parallel
Total
3
3
9
4
2
8
5
2
10
6
1
6
7
1
7
8
1
8
9
1
9
10
1
10
Itisalsoimportanttonotethatforaninputvoltagesupplywhichcanbemaintainedat5.0Vorhigher,the
devicepossessesevenhigherdrivecapabilitieswhichcandriveahighernumberofparallelconnectedLEDs.
ThefollowingtabledepictsthemaximumLEDnumberspossibleforthishigherinputvoltagerange.
1.VinVariableVoltageof5.0V~5.5V
2.LEDforwardvoltageof3.5Vmax.
Maximum LED Drive Capability
Series
Parallel
Total
3
13
39
3
10
40
3
9
27
4
8
32
5
4
20
6
4
24
7
3
21
8
2
16
9
2
18
10
2
20


Similar Part No. - HT7938A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7938A HOLTEK-HT7938A_13 Datasheet
2Mb / 13P
   High Current and Performance White LED Driver
HT7938A HOLTEK-HT7938A_16 Datasheet
1Mb / 12P
   High Current and Performance White LED Driver
More results

Similar Description - HT7938A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7939A HOLTEK-HT7939A Datasheet
3Mb / 13P
   Performance White LED Driver
logo
uPI Group Inc.
UP6007 UPI-UP6007 Datasheet
599Kb / 10P
   43V High Performance White LED Driver
logo
Holtek Semiconductor In...
HT7938A HOLTEK-HT7938A_13 Datasheet
2Mb / 13P
   High Current and Performance White LED Driver
HT7938A HOLTEK-HT7938A_16 Datasheet
1Mb / 12P
   High Current and Performance White LED Driver
HT7938 HOLTEK-HT7938_16 Datasheet
914Kb / 11P
   High Current and Performance White LED Driver
HT7939 HOLTEK-HT7939_16 Datasheet
2Mb / 12P
   High Current and Performance White LED Driver
HT7939 HOLTEK-HT7939_10 Datasheet
320Kb / 13P
   High Current and Performance White LED Driver
HT7939 HOLTEK-HT7939 Datasheet
714Kb / 13P
   High Current and Performance White LED Driver
HT7939A HOLTEK-HT7939A_16 Datasheet
3Mb / 12P
   High Current and Performance White LED Driver
HT7938 HOLTEK-HT7938 Datasheet
469Kb / 11P
   High Current and Performance White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com