Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH4860 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # SFH4860
Description  GaAlAs-Lumineszenzdiode 660 nm GaAlAs Light Emitting Diode 660 nm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SFH4860 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  SFH4860 Datasheet HTML 1Page - Siemens Semiconductor Group SFH4860 Datasheet HTML 2Page - Siemens Semiconductor Group SFH4860 Datasheet HTML 3Page - Siemens Semiconductor Group SFH4860 Datasheet HTML 4Page - Siemens Semiconductor Group SFH4860 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Semiconductor Group
5
1998-08-25
SFH 4860
Relative spectral emission
Irel = f (λ)
Forward current
IF = f (VF), single pulse, tp = 20 µs
λ
OHR01869
0
rel
Ι
600
20
40
60
80
%
100
nm
650
700
750
V
OHR01871
F
F
Ι
0
3
10
2
10
1
10
10
0
mA
24
6
8
V 10
Radiant intensity
Single pulse,
tp = 20 µs
Permissible pulse handling capability
IF = f (τ), TA = 25 °C,
duty cycle D = parameter
Ie
Ie 50 mA
= f (IF)
OHR01870
10 0
Ι
F
1
10
2
10
10 3
mA
-2
10
10 -1
10 0
10 1
10 2
Ι
e 50 mA
e
Ι
t
OHR01872
P
10
-5
s
Ι
F
10
-4
10
-3
10
-2
10
-1
10
1
10
T
t
P
D =
t
P
T
Ι
F
D =
0.005
0.01
0.02
0.05
mA
4
10
10
3
10
2
1
10
DC
0.5
0.2
0.1
Max. permissible forward current
IF = f (TC), RthJC = 160 K/W
Max. permissible forward current
IF = f (TA), RthJA = 450 K/W
T
OHR00390
A
0
F
Ι
0
˚C
20
40
60
80
100
120
mA
20
40
60
80
100
130
T
OHR00391
A
0
F
Ι
0
˚C
20
40
60
80
100
120
mA
20
40
60
80
100
130
Radiation characteristics Irel = f (ϕ)
OHR00389
020
40
60
80
100
120
0.4
0.6
0.8
1.0
100
90
80
70
60
50
0
10
20
30
40
0
0.2
0.4
0.6
0.8
1.0
ϕ


Similar Part No. - SFH4860

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4860 OSRAM-SFH4860 Datasheet
149Kb / 7P
   GaAlAs-Lumineszenzdiode (660 nm)
SFH4860 OSRAM-SFH4860 Datasheet
223Kb / 9P
   GaAlAs Light Emitting Diode
SFH4860 OSRAM-SFH4860_16 Datasheet
223Kb / 9P
   GaAlAs Light Emitting Diode
More results

Similar Description - SFH4860

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH464 SIEMENS-SFH464 Datasheet
40Kb / 5P
   GaAlAs-Lumineszenzdiode 660 nm GaAlAs Light Emitting Diode 660 nm
logo
OSRAM GmbH
SFH464E7800 OSRAM-SFH464E7800 Datasheet
172Kb / 10P
   GaAlAs Light Emitting Diode (660 nm)
SFH4860 OSRAM-SFH4860 Datasheet
149Kb / 7P
   GaAlAs-Lumineszenzdiode (660 nm)
SFH486 OSRAM-SFH486 Datasheet
143Kb / 8P
   GaAlAs-IR-Lumineszenzdiode (880 nm)
logo
Vishay Siliconix
TSHA5200 VISHAY-TSHA5200 Datasheet
107Kb / 5P
   Infrared Emitting Diode, 875 nm, GaAlAs
Rev. 2.0, 24-Aug-11
TSHA4401 VISHAY-TSHA4401_V02 Datasheet
117Kb / 5P
   Infrared Emitting Diode, 875 nm, GaAlAs
01-Jan-2023
TSHA5500 VISHAY-TSHA5500 Datasheet
105Kb / 5P
   Infrared Emitting Diode, 875 nm, GaAlAs
Rev. 1.9, 24-Aug-11
TSHA6200 VISHAY-TSHA6200_09 Datasheet
115Kb / 6P
   Infrared Emitting Diode, 875 nm, GaAlAs
Rev. 1.8, 25-Jun-09
TSHA6500 VISHAY-TSHA6500_09 Datasheet
101Kb / 5P
   Infrared Emitting Diode, 875 nm, GaAlAs
Rev. 2.0, 06-Oct-09
TSHA6200 VISHAY-TSHA6200 Datasheet
109Kb / 6P
   Infrared Emitting Diode, 875 nm, GaAlAs
Rev. 1.9, 24-Aug-11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com