Electronic Components Datasheet Search |
|
559-1101-007F Datasheet(PDF) 1 Page - Dialight Corporation |
|
559-1101-007F Datasheet(HTML) 1 Page - Dialight Corporation |
1 / 2 page 559 Series Snap-in LED - .250” Mounting Hole Panel Mount Indicators Mechanical Information Mounting Hole Size: 0.249 - 0.252" (6.32 - 6.40 mm) Panel Thickness: 0.031 - 0.062" (.787 - 1.57 mm) Electrical Specifications Operating Voltage: 1.6 - 2.3 VDC typical (current limiting resistor required) 5 VDC typical (resistor not required) 12 VDC typical (resistor not required) 24 VDC typical (resistor not required) Operating Temp: See table Storage Temp: (-67°F to +212°F) -55°C to +100°C Electrical connection: Straight terminals for wire wrapping or either 6 or 14 inch 24 AWG lead wire Leads: Straight leads 2 leads 3 leads - common cathode Construction Housing: Black housing material meets: UL94V-0 and enhances LED contrast Features & Benefits • RoHS compliant • Long life - typically 100K hours • Low power consumption - uses up to 90% less energy than an incandescent indicator • Front panel snap-in mounting requires no additional hardware • No heat generated • Resistant to shock and vibration • Available in both 2 or 3 bicolor leaded versions • Termination - straight terminals for wire wrapping or lead wire for soldering or optional terminals • Three leaded bicolor version allows for additional color variations • Available with PVC-free lead wires Application Dialight's 559 series LED panel mount indicator is available with a variety of LEDs including AlInGaP and InGaN technology for high brightness applications, bicolor and integral resistors. These indicators are designed for a variety of applications such as: • Fan tray assemblies • Datacenter Infrastructure (Servers and Storage) • Next-Gen Wireless Infrastructure • Electronic Test & Measurement Instruments • Communications Testing Equipment • Process controls • Automation • Medical Equipment • Handheld devices www.dialight.com See Termination LED 3 LEADED BI-COLOR .032 NOM. .438 NOM. ULTRASONIC CRIMP OR EPOXY ON ALL 3 LEADS. (SIDE OPTIONAL) GREEN WIRE IS GREEN ANODE FOR BOTH R/G AND Y/G BI-COLOR LEDS COMMON CATHODE & BLACK WIRE LEAD FOR BOTH R/G AND Y/G BI-COLOR LEDS RED WIRE IS RED ANODE FOR R/G BI-COLOR LEDS RED WIRE IS YELLOW ANODE FOR Y/G BI-COLOR LED A±.109 .212 MAX ø5mm LED ø.281 (7,14) ANODE LEAD (+) .50±.03 (12,7±0,76) RED WIRE BLACK WIRE CATHODE LEAD (-) .50±.005 (1,47±0,127) TYP. HOUSING (VALOX) HOUSING (VALOX) ø5mm LED .210 (5,33) MAX .125±.005 (3,17±0,12) .025 SQ (0,64) REF .050 REF (1,27) CATHODE LEAD (-) .300 (7,62) MIN .625 (15,88) Max .210 (5,33) Max ø.281 (7,14) REF PIN 2 PIN 1 CATHODE SINGLE COLOR LED SCHEMATIC BI-COLOR LED SCHEMATIC PIN 2 GREEN CATHODE PIN 1 RED CATHODE FOR R/G LED YELLOW CATHODE FOR Y/G LED |
Similar Part No. - 559-1101-007F |
|
Similar Description - 559-1101-007F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |