Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62703-Q1095 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # Q62703-Q1095
Description  GaAIAs-IR-Lumineszenzdiode 880nm GaAIAs Infrared Emitter 880 nm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62703-Q1095 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  Q62703-Q1095 Datasheet HTML 1Page - Siemens Semiconductor Group Q62703-Q1095 Datasheet HTML 2Page - Siemens Semiconductor Group Q62703-Q1095 Datasheet HTML 3Page - Siemens Semiconductor Group Q62703-Q1095 Datasheet HTML 4Page - Siemens Semiconductor Group Q62703-Q1095 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SFH 487
Semiconductor Group
2
1997-11-01
Grenzwerte (
T
A = 25 °C)
Maximum Ratings
Bezeichnung
Description
Symbol
Symbol
Wert
Value
Einheit
Unit
Betriebs- und Lagertemperatur
Operating and storage temperature range
T
op; Tstg
– 55 ... + 100
°C
Sperrschichttemperatur
Junction temperature
T
j
100
°C
Sperrspannung
Reverse voltage
V
R
5V
Durchla
βstrom
Forward current
I
F
100
mA
Sto
βstrom, τ≤ 10 µs
Surge current
I
FSM
2.5
A
Verlustleistung
Power dissipation
P
tot
200
mW
Wärmewiderstand, freie Beinchenlänge
max. 10 mm
Thermal resistance, lead length between
package bottom and PC-board max. 10 mm
R
thJA
375
K/W
Kennwerte (
T
A = 25 °C)
Characteristics
Bezeichnung
Description
Symbol
Symbol
Wert
Value
Einheit
Unit
Wellenlänge der Strahlung
Wavelength at peak emission
I
F = 100 mA
λ
peak
880
nm
Spektrale Bandbreite bei 50 % von
I
max,
I
F = 100 mA
Spectral bandwidth at 50 % of
I
max
∆λ
80
nm
Abstrahlwinkel
Half angle
ϕ± 20
Grad
deg.
Aktive Chipfläche
Active chip area
A
0.16
mm2
Abmessungen der aktiven Chipfläche
Dimension of the active chip area
L
× B
L
× W
0.4
× 0.4
mm
Abstand Chipoberfläche bis Linsenscheitel
Distance chip front to lens top
H
2.6
mm


Similar Part No. - Q62703-Q1095

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62703-Q1090 SIEMENS-Q62703-Q1090 Datasheet
34Kb / 5P
   GaAlAs-IR-Lumineszenzdiode GaAlAs Infrared Emitter
Q62703-Q1092 SIEMENS-Q62703-Q1092 Datasheet
48Kb / 5P
   GaAIAs-IR-Lumineszenzdioden 880 nm GaAIAs Infrared Emitters 880 nm
Q62703-Q1093 SIEMENS-Q62703-Q1093 Datasheet
48Kb / 5P
   GaAIAs-IR-Lumineszenzdioden 880 nm GaAIAs Infrared Emitters 880 nm
Q62703-Q1094 SIEMENS-Q62703-Q1094 Datasheet
38Kb / 4P
   GaAIAs-IR-Lumineszenzdiode 880 nm GaAIAs Infrared Emitter 880 nm
More results

Similar Description - Q62703-Q1095

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH487P SIEMENS-SFH487P Datasheet
38Kb / 5P
   GaAIAs-IR-Lumineszenzdiode 880 nm GaAIAs Infrared Emitter 880 nm
SFH486 SIEMENS-SFH486 Datasheet
38Kb / 4P
   GaAIAs-IR-Lumineszenzdiode 880 nm GaAIAs Infrared Emitter 880 nm
logo
OSRAM GmbH
SFH487P OSRAM-SFH487P Datasheet
141Kb / 8P
   GaAIAs-IR-Lumineszenzdiode (880 nm)
logo
Siemens Semiconductor G...
SFH485P SIEMENS-SFH485P Datasheet
45Kb / 4P
   GaAIAs Infrared Emitter (880 nm)
SFH4580 SIEMENS-SFH4580 Datasheet
60Kb / 6P
   GaAIAs-IR-Lumineszenzdioden 880 nm GaAIAs Infrared Emitters 880 nm
SFH484 SIEMENS-SFH484 Datasheet
48Kb / 5P
   GaAIAs-IR-Lumineszenzdioden 880 nm GaAIAs Infrared Emitters 880 nm
logo
List of Unclassifed Man...
OPE5194WK ETC-OPE5194WK Datasheet
128Kb / 2P
   GAAIAS INFRARED EMITTER
logo
Siemens Semiconductor G...
SFH485P SIEMENS-SFH485P Datasheet
83Kb / 2P
   GaAiAs INFRARED EMITTER
logo
List of Unclassifed Man...
OPE5687HP ETC-OPE5687HP Datasheet
162Kb / 2P
   High Speed GaAIAs Infrared Emitter
logo
OSRAM GmbH
SFH486 OSRAM-SFH486 Datasheet
143Kb / 8P
   GaAlAs-IR-Lumineszenzdiode (880 nm)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com