Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62702-P429 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # Q62702-P429
Description  慣-棺-款-Strahlungsdetektoren 慣-棺-款-Radiation Detectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-P429 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  Q62702-P429 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-P429 Datasheet HTML 2Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Semiconductor Group
486
SFH 520
SFH 520 A
Kennwerte
Characteristics
Current and Capacitance Characteristics per cm2
Bezeichnung
Description
Symbol
Symbol
Wert
Value
Einheit
Unit
Sperrspannung
Breakdown voltage
100
µA
V
R
> 180
V
Dunkelstrom
Dark current
100 V
160 V
I
R
(< 15)
10 (< 20)
nA
Flußspannung
Forward voltage
100 mA
V
F
0.7 (< 2.0)
V
Kapazität
Capacitance
f = 1 MHz, E
v = 0
80 V
150 V
C
12
10
pF
Kapazität pro cm2
Capacitance per cm2
120 V
C/cm2
32
pF
Betriebsspannung
Operating voltage
V
op
90 ... 120
V
Ladungsträger - Lebensdauer
Charge carrier lifetime
10
msec.


Similar Part No. - Q62702-P429

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-P420 SIEMENS-Q62702-P420 Datasheet
100Kb / 2P
   慣-棺-款-Strahlungsdetektoren 慣-棺-款-Radiation Detectors
Q62702-P421 SIEMENS-Q62702-P421 Datasheet
91Kb / 2P
   慣-棺-款-Strahlungsdetektor 慣-棺-款-Radiation Detector
Q62702-P422 SIEMENS-Q62702-P422 Datasheet
97Kb / 2P
   慣-棺-款-Strahlungsdetektor 慣-棺-款-Radiation Detector
More results

Similar Description - Q62702-P429

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH521 SIEMENS-SFH521 Datasheet
100Kb / 2P
   慣-棺-款-Strahlungsdetektoren 慣-棺-款-Radiation Detectors
SFH522 SIEMENS-SFH522 Datasheet
91Kb / 2P
   慣-棺-款-Strahlungsdetektor 慣-棺-款-Radiation Detector
SFH523 SIEMENS-SFH523 Datasheet
97Kb / 2P
   慣-棺-款-Strahlungsdetektor 慣-棺-款-Radiation Detector
logo
List of Unclassifed Man...
A5101 ETC2-A5101 Datasheet
671Kb / 1P
   IMMOBILIZED 棺 -GALACTOSIDASE F7M
logo
Alpha & Omega Semicondu...
AOK53S60 AOSMD-AOK53S60 Datasheet
219Kb / 6P
   600V 53A α MOS TM Power Transistor
Rev0: Sep 2012
logo
Toshiba Semiconductor
TA1204AF TOSHIBA-TA1204AF Datasheet
575Kb / 25P
   款 CORRECTION IC FOR LCD TV
logo
American Accurate Compo...
KHLC-07D AAC-KHLC-07D Datasheet
95Kb / 1P
   RF Filter 慣 to 8.0 GHz SMT package
logo
Microsemi Corporation
UM9441 MICROSEMI-UM9441 Datasheet
99Kb / 2P
   PIN RADIATION DETECTORS
UM9441 MICROSEMI-UM9441_06 Datasheet
196Kb / 4P
   PIN RADIATION DETECTORS
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com