Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4PT08G-05 Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # 4PT08G-05
Description  Sensitive gate SCRs, 4A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

4PT08G-05 Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  4PT08G-05 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 4PT08G-05 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 4PT08G-05 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 4PT08G-05 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 4PT08G-05 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 4PT08G-05 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Page1of6
SEMICONDUCTOR
4PTSeries RoHS
RoHS
Sensitive gate SCRs, 4A
SYMBOL
IT RMS
(
)
RMS on state current full sine wave
-
4
ITSM
Non repetitive surge peak on state
-
current full cycle T initial = 25 C)
(
, j
°
A
I t
2
I t Value for fusing
2
4.5
A s
2
dI dt
/
Critical rate of rise of on state current
-
50
IGM
Peak gate current
PG AV
(
)
Average gate power dissipation
Tstg
Storage temperature range
Operating junction temperature range
- 40
+ 150
to
- 40
+ 125
to
ºC
A µs
/
A
A
W
UNIT
VALUE
30
33
F=50Hz
F=60Hz
t=20ms
t=16.7ms
t =10ms
p
F=60Hz
T =125ºC
j
T =125ºC
j
T =125ºC
j
T =20µs
p
Tj
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TESTCONDITIONS
Main Features
Symbol
Value
Unit
IT(RMS)
V
/V
DRM
RRM
IGT
4
A
V
µ
A
10
00
to
2
600to800
DESCRIPTION
Thanks to highly sensitive triggering levels, the 4PT
seriesissuitableforallapplicationswheretheavailable
gatecurrentislimited,suchasmotorcontrolforhand
tools,kitchenaids,capacitivedischargeignitions,
overvoltagecrowbarprotectionforlowpowersupplies
amongothers.
Availableinthrough-holeorsurface-mountpackages,
V
600 and800
T =125ºC
j
VDRM
VRRM
Repetitivepeakoff-statevoltage
Repetitivepeakreversevoltage
theyprovideanoptimizedperformanceinalimited
spacearea.
(180°conductionangle)
1.2
0.2
Averageon-statecurrent
(180°conductionangle)
IT AV
(
)
2.5
A
1
2
3
1
2
3
2
2
2
1
2
3
TO-220AB (Non-lnsulated)
TO-251 (I-PAK)
TO-252 (D-PAK)
I = 2xl
, t
ns
G
GT
r≤100
1
2
3
TO-220AB (lnsulated)
(4PTxxF)
(4PTxxG)
(4PTxxA)
(4PTxxAI)
(G)3
1(A1)
(A2)
2
www.nellsemi.com
Tc=115°C
Tc=110°C
TO-251/TO-252/TO-220AB
TO-220ABinsulated
TO-251/TO-252/TO-220AB
TO-220ABinsulated
Tc=115°C
Tc=110°C


Similar Part No. - 4PT08G-05

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
4PT08G-05 NELLSEMI-4PT08G-05 Datasheet
758Kb / 7P
   Sensitive gate SCRs
More results

Similar Description - 4PT08G-05

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
4PT NELLSEMI-4PT Datasheet
474Kb / 7P
   Sensitive gate SCRs, 4A
4PT NELLSEMI-4PT_14 Datasheet
475Kb / 7P
   Sensitive gate SCRs, 4A
logo
JIEJIE MICROELECTRONICS...
JX04 JIEJIE-JX04 Datasheet
461Kb / 4P
   4A SENSITIVE SCRs
logo
Nell Semiconductor Co.,...
1PT NELLSEMI-1PT_18 Datasheet
1Mb / 5P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX011 JIEJIE-JX011 Datasheet
314Kb / 4P
   Sensitive gate SCRs
logo
Nell Semiconductor Co.,...
2PT NELLSEMI-2PT Datasheet
761Kb / 6P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX014 JIEJIE-JX014 Datasheet
321Kb / 4P
   Sensitive gate SCRs
JX020 JIEJIE-JX020 Datasheet
305Kb / 5P
   Sensitive gate SCRs
JX075 JIEJIE-JX075 Datasheet
427Kb / 6P
   Sensitive gate SCRs
logo
Nell Semiconductor Co.,...
4PT NELLSEMI-4PT_18 Datasheet
758Kb / 7P
   Sensitive gate SCRs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com