Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12FDR12B Datasheet(PDF) 5 Page - Nell Semiconductor Co., Ltd

Part # 12FDR12B
Description  Fast Recovery Diodes (Stud Version), 12A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

12FDR12B Datasheet(HTML) 5 Page - Nell Semiconductor Co., Ltd

  12FDR12B Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 12FDR12B Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 12FDR12B Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 12FDR12B Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 12FDR12B Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 12FDR12B Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
12FD(R)Series
Fig. 5 Maximum forward voltage vs. forward
current.
0.5
0
Instantaneous forward voltage (V)
1.0
1.5
2.0
2.5
3.0
3.5 4.0
10
2
10
3
10
1
10
2
10
3
10
1
10
2
10
3
10
1
Fig .6 Maximum high level forward power
loss vs. average forward current
Average forward current (A)
T = 150°C
J
T = 25°C
J
120°
ø =180°
60°
30°
180°
ø =DC
120°
60°
30°
12FD(R)Series
12FD(R)Series
T = 150°C
J
1
Fig .7 Typical reverse recovery time vs.
rate of fall of forward current.
Rate of fall of forward current (A/µs)
200
300
400
500
600
100
10
20
30
40
50
60
3
10
30
100
12FD(R)Series
l = π x rated l
F
F(AV)
Fig .8 Typical recovered charge vs.
rate of fall of forward current.
12FD(R), 200 to 600V
1F=1A
T = 25°
C
J
T = 150
°C
J
l = π x rated l
F
F(AV)
12FD(R), 200 to 600V
T
=
25
°C
J
T
=
15
C
J
1F=1A
12FD(R)Series
10
3
10
4
10
1
2
10
1
3
10
30
100
Rate of fall of forward current (A/µs)
Page 5 of 6
www.nellsemi.com
1
Fig .9 Typical reverse recovery time vs.
rate of fall of forward current.
Rate of fall of forward current (A/µs)
2000
3000
1000
100
200
300
400
500
600
3
10
30
100
12FD(R)Series
l = π x rated l
F
F(AV)
Fig .10 Typical recovered charge vs.
rate of fall of forward current.
12FD(R), 800 to 1200V
1F=1A
T = 25°
C
J
T = 150
°C
J
l = π x rated l
F
F(AV)
12FD(R), 800 to 1200V
T
=
25
°C
J
T
=
15
C
J
1F=1A
12FD(R)Series
2
10
4
10
5
10
10
3
10
1
3
10
30
100
Rate of fall of forward current (A/µs)


Similar Part No. - 12FDR12B

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
12FDR12 NELLSEMI-12FDR12 Datasheet
537Kb / 6P
   Fast Recovery Diodes
More results

Similar Description - 12FDR12B

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
12-NSR NAINA-12-NSR Datasheet
138Kb / 2P
   Standard Recovery Diodes (Stud Version), 12A
12NS NAINA-12NS_17 Datasheet
650Kb / 2P
   Standard Recovery Diodes (Stud Version), 12A
logo
International Rectifier
SD253N IRF-SD253N Datasheet
139Kb / 7P
   FAST RECOVERY DIODES Stud Version
logo
Naina Semiconductor ltd...
12NSF NAINA-12NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
40-NSFR NAINA-40-NSFR Datasheet
102Kb / 2P
   Fast Recovery Diodes (Stud Version)
logo
International Rectifier
SD103N IRF-SD103N Datasheet
129Kb / 9P
   FAST RECOVERY DIODES Stud Version
SD153N IRF-SD153N Datasheet
463Kb / 8P
   FAST RECOVERY DIODES Stud Version
SD233N IRF-SD233N Datasheet
418Kb / 8P
   FAST RECOVERY DIODES Stud Version
logo
Naina Semiconductor ltd...
40NSF NAINA-40NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
16NSF NAINA-16NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com