Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12FT08AI-S Datasheet(PDF) 4 Page - Nell Semiconductor Co., Ltd

Part # 12FT08AI-S
Description  Sensitive and Standard SCRs, 12A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

12FT08AI-S Datasheet(HTML) 4 Page - Nell Semiconductor Co., Ltd

  12FT08AI-S Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 12FT08AI-S Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 12FT08AI-S Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 12FT08AI-S Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 12FT08AI-S Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 12FT08AI-S Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 12FT08AI-S Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SEMICONDUCTOR
RoHS
RoHS
Page4of7
0.0
0.2
0.4
0.6
0.8
1.6
12PTSeries
0.01
0.10
1.00
Fig.5 Relative variation of thermal impedance
Junctiontoambientversuspulseduration
Fig.6 Relative variation of gate trigger and
holdingcurrentversusjunction
temperatureforI
=200 A
GT
µ
-40
www.nellsemi.com
Fig.3 Average and DC on-state current versus
ambient temperature (DPAK)
Fig.
Relative variation of thermal impedance
4
junction to case versus pulse duration
2.5
2.0
1.5
1.0
0.5
0.0
0
25
50
75
100
125
1
E+0
0.1
0.2
0.5
1.0
I (AV)(A)
T
Fig.
Maximum average power dissipation versus
1
-
average on state current
Fig.2 Average and DC on-state current versus
case temperature
P W
(
)
8
7
6
5
4
3
2
1
0
0
1
2
4
5
6
10
12
8
14
6
4
2
0
25
50
75
100
125
I
(A)
T(AV)
0
1
E+1
1
E-2
1
E-1
1
E+0
1
E+2
5E+2
1.0
1.2
1.4
1.8
2.0
-20
0
20
40
60
80
100
120
140
1
E+1
1
E+2
1
E+3
I
,I ,I [Tj]/I
,I ,I [Tj=25 C]
GT H L
GT H L
°
K=[Zth(j-c)/Rth(j-c)]
K=[Zth(j-a)/Rth(j-a)]
α=180°
360°
α
I
(A)
T(AV)
9
10
11
12
3
7
8
9
Tcase(°C)
DC
α=180°
Insulated
TO-220AB
TO-251/TO-252
TO-263/TO-220AB
DevicemountedonFR4with
Recommendedpadlayout
Tamb(°C)
α=180°
DPAK
DC
D²PAK
3.0
tp(s)
tp(s)
D²PAK
TO-220AB/IPAK
DevicemountedonFR4with
Recommendedpadlayout
DPAK
IGT
l &I
H
L
R
=1K
GK
Tj(°C)
(DANK)


Similar Part No. - 12FT08AI-S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
12F IRF-12F Datasheet
336Kb / 8P
   6,12 and 16 Amp Diffused Silicon Rectifier Diodes
logo
Vishay Siliconix
12F VISHAY-12F Datasheet
143Kb / 6P
   Standard Recovery Diodes (Stud Version), 12 A
Revision: 29-Sep-08
logo
Naina Semiconductor ltd...
12F NAINA-12F Datasheet
80Kb / 1P
   12AMP SILICON POWER DIODE
logo
New Jersey Semi-Conduct...
12F NJSEMI-12F Datasheet
217Kb / 4P
   STANDARD RECOVERY DIODES
logo
TRANSYS Electronics Lim...
12F-10 TEL-12F-10 Datasheet
160Kb / 1P
   STANDARD RECOVERY DIODE
More results

Similar Description - 12FT08AI-S

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
12PT NELLSEMI-12PT_14 Datasheet
3Mb / 7P
   Sensitive and Standard SCRs, 12A
12PT NELLSEMI-12PT Datasheet
3Mb / 7P
   Sensitive and Standard SCRs, 12A
logo
STMicroelectronics
TN12 STMICROELECTRONICS-TN12 Datasheet
122Kb / 11P
   SENSITIVE & STANDARD(12A SCRs)
logo
Thinki Semiconductor Co...
TYN612T THINKISEMI-TYN612T Datasheet
677Kb / 6P
   SENSITIVE & STANDARD(12A SCRs)
logo
Nell Semiconductor Co.,...
12PT NELLSEMI-12PT_18 Datasheet
978Kb / 7P
   Sensitive and Standard SCRs
8PT NELLSEMI-8PT Datasheet
413Kb / 7P
   Sensitive and Standard SCRs, 8A
8PT NELLSEMI-8PT_14 Datasheet
414Kb / 7P
   Sensitive and Standard SCRs, 8A
8PT06AI-S NELLSEMI-8PT06AI-S Datasheet
1Mb / 7P
   Sensitive and Standard SCRs, 8A
logo
STMicroelectronics
TN12 STMICROELECTRONICS-TN12_07 Datasheet
153Kb / 12P
   Sensitive and Standard 12 A SCRS
TN805 STMICROELECTRONICS-TN805_10 Datasheet
153Kb / 12P
   Sensitive and standard 8 A SCRs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com