Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8PT10G-T Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # 8PT10G-T
Description  Sensitive and Standard SCRs, 8A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

8PT10G-T Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  8PT10G-T Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 8PT10G-T Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 8PT10G-T Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 8PT10G-T Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 8PT10G-T Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 8PT10G-T Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 8PT10G-T Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Page2of7
SEMICONDUCTOR
8PTSeries RoHS
RoHS
8PTxxxx
Unit
IGT
VGD
IH
mA
dV dt
/
VTM
IDRM
IRRM
mA
IL
V =12V,R =30
D
L
V =V
,R =3.3K
D
DRM
L
I =100mA,gateopen
T
I =1.2I
G
GT
V =67%V
, gateopen
D
DRM
0.2
25
150
0.85
mA
V
V
mA
V/µs
I
=16A,
TM
t =380µs
P
T =125°C
j
T =25°C
j
T =125°C
j
V
µA
STANDARD ELECTRICAL SPECIFICATIONS
(TJ = 25
)
unless otherwise specified
ºC,
TESTCONDITIONS
SYMBOL
V
=V
DRM
RRM
1.6
5
1
Min.
Max.
Max.
Min.
Max.
Min.
Max.
Max.
Max.
THERMAL RESISTANCE
Rth j c
( - )
Junction to case DC
(
)
Rth j a
( - )
Junction to ambient (DC)
1.3
70
°C/W
°C/W
UNIT
VALUE
SYMBOL
Parameter
IPAK/DPAK/TO-220AB
D-PAK
I-PAK
TO-220AB,TO-220ABinsulated
4.6
100
S=0.5cm2
VGT
www.nellsemi.com
0.5
T
1.3
2
15
-
5
T =125°C
j
Max.
30
30
70
50
Vto
Thresholdvoltage
V
Rd
T =125°C
j
Max.
46
mΩ
mA
T =25°C
j
T =125°C
j
Dynamicresistance
8PTxxxx-S
Unit
IGT
VGD
mA
dV dt
/
VTM
IDRM
IRRM
mA
IH
V =12V,R =140
D
L
V =V
,R =3.3K
D
DRM
L
,
=220
R
GK
I
=10 A
RG
µ
I =50mA R
=1KΩ
T
,
GK
V =67%V
, R
=220Ω
D
DRM
GK
0.1
6
0.85
µA
V
V
V/µs
I
=16A,
TM
t =380µs
P
T =125°C
j
T =25°C
j
T =125°C
j
V
µA
SENSITIVE ELECTRICAL CHARACTERISTICS
(Tj = 25
)
unless otherwise specified
ºC,
TESTCONDITIONS
SYMBOL
V
=V
R
=220
DRM
RRM,
GK
1.6
5
1
Max.
Max.
Min.
Max.
Min.
Max.
Max.
Max.
VGT
0.8
200
T =125°C
j
8
5
Vto
Thresholdvoltage
V
Rd
T =125°C
j
Max.
46
mΩ
V
T =25°C
j
T =125°C
j
Dynamicresistance
VRG
Min.
IL
I =1mA R
=1KΩ
G
,
GK
Max.
5
mA
TO-220ABinsulated
60
S=Coppersurfaceundertab


Similar Part No. - 8PT10G-T

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
8PT NELLSEMI-8PT Datasheet
413Kb / 7P
   Sensitive and Standard SCRs, 8A
8PTxxA NELLSEMI-8PTxxA Datasheet
414Kb / 7P
   Sensitive and Standard SCRs, 8A
8PTxxA-S NELLSEMI-8PTxxA-S Datasheet
414Kb / 7P
   Sensitive and Standard SCRs, 8A
8PTxxA-T NELLSEMI-8PTxxA-T Datasheet
414Kb / 7P
   Sensitive and Standard SCRs, 8A
8PTxxF NELLSEMI-8PTxxF Datasheet
414Kb / 7P
   Sensitive and Standard SCRs, 8A
More results

Similar Description - 8PT10G-T

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
8PT NELLSEMI-8PT Datasheet
413Kb / 7P
   Sensitive and Standard SCRs, 8A
8PT NELLSEMI-8PT_14 Datasheet
414Kb / 7P
   Sensitive and Standard SCRs, 8A
12PT NELLSEMI-12PT_18 Datasheet
978Kb / 7P
   Sensitive and Standard SCRs
12PT NELLSEMI-12PT_14 Datasheet
3Mb / 7P
   Sensitive and Standard SCRs, 12A
12PT NELLSEMI-12PT Datasheet
3Mb / 7P
   Sensitive and Standard SCRs, 12A
12PT06AI-S NELLSEMI-12PT06AI-S Datasheet
1Mb / 7P
   Sensitive and Standard SCRs, 12A
logo
STMicroelectronics
TN12 STMICROELECTRONICS-TN12_07 Datasheet
153Kb / 12P
   Sensitive and Standard 12 A SCRS
TN805 STMICROELECTRONICS-TN805_10 Datasheet
153Kb / 12P
   Sensitive and standard 8 A SCRs
TS1220-600T STMICROELECTRONICS-TS1220-600T Datasheet
156Kb / 13P
   Sensitive and standard 12 A SCRs
September 2011 Rev 7
TYN412RG STMICROELECTRONICS-TYN412RG Datasheet
156Kb / 13P
   Sensitive and standard 12 A SCRs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com