Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

40DR12M Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

Part # 40DR12M
Description  Glass Passivated Standard Recovery Diodes (Stud Version), 40A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

40DR12M Datasheet(HTML) 3 Page - Nell Semiconductor Co., Ltd

  40DR12M Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 40DR12M Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 40DR12M Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 40DR12M Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 40DR12M Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 40DR12M Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SEMICONDUCTOR
RoHS
RoHS
N
High Power Products
ell
AverageForwardCurrent(A)
AverageForwardCurrent(A)
Fig.1CurrentRatingsCharacteristics
Fig.2CurrentRatingsCharacteristics
40D(R)Series
130
140
150
160
170
180
190
30°
60°
90°
120°
180°
40 ( )
(200
1200 )
D R Series
Vto
V
Conduction Angle
0
5
10
15
20
25
30
35
40
45
120
130
140
150
160
170
180
190
DC
30
°
60
°
90
°
120
°
180
°
Conduction Period
0
10
20
50
30
60
40
70
40 ( )
(200
1200 )
D R Series
Vto
V
AverageForwardCurrent(A)
AverageForwardCurrent(A)
Fig.3CurrentRatingsCharacteristics
Fig.4CurrentRatingsCharacteristics
0
10
20
50
30
60
40
70
0
5
10
15
20
25
30
35
40 45
100
110
120
130
140
150
160
30°
60°
90°
120°
180°
40 ( )
(1600 )
D R Series
V
Conduction Angle
80
90
100
110
120
130
140
150
160
DC
30
°
60
°
90
°
120°
180
°
Conduction Period
40 ( )
(1600 )
D R Series
V
Fig.5ForwardPowerLossCharacteristics
AverageForwardCurrent(A)
Maximum Allowable Ambient Temperature(°C)
5
0
40
10
20
25
30
15
120
80
160
0
10 K/W
3
/
K
W
5
/
K W
7
/
KW
10
20
30
40
50
60
RMS Limit
ConductionAngle
180
°
120
°
90
°
60
°
30
°
(200
1200 )
Vto
V
Tj
°C
= 190
40 ( )
D R Series
40
200
35
Page3of6


Similar Part No. - 40DR12M

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
40DR12 NELLSEMI-40DR12 Datasheet
197Kb / 7P
   Glass Passivated Standard Recovery Diodes
More results

Similar Description - 40DR12M

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
85DR12M NELLSEMI-85DR12M Datasheet
576Kb / 6P
   Glass Passivated Standard Recovery Diodes (Stud Version), 85A
12DR12M NELLSEMI-12DR12M Datasheet
182Kb / 5P
   Glass Passivated Standard Recovery Diodes (Stud Version), 12A
25DR12M NELLSEMI-25DR12M Datasheet
540Kb / 5P
   Glass Passivated Standard Recovery Diodes (Stud Version), 25A
16DR12M NELLSEMI-16DR12M Datasheet
185Kb / 5P
   Glass Passivated Standard Recovery Diodes (Stud Version), 16A
40FDR06A NELLSEMI-40FDR06A Datasheet
703Kb / 6P
   Fast Recovery Diodes (Stud Version), 40A
logo
International Rectifier
SD600N IRF-SD600N Datasheet
264Kb / 8P
   STANDARD RECOVERY DIODES Stud Version
SD150N IRF-SD150N Datasheet
211Kb / 7P
   STANDARD RECOVERY DIODES Stud Version
70300U IRF-70300U Datasheet
210Kb / 7P
   STANDARD RECOVERY DIODES Stud Version
SD500N IRF-SD500N Datasheet
191Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
200HF IRF-200HF Datasheet
180Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com