Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16T10H-C Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

Part # 16T10H-C
Description  TRIACs, 16A Snubberless, Logic Level and Standard
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

16T10H-C Datasheet(HTML) 3 Page - Nell Semiconductor Co., Ltd

  16T10H-C Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 16T10H-C Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 16T10H-C Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 16T10H-C Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 16T10H-C Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 16T10H-C Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 16T10H-C Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SEMICONDUCTOR
16T Series RoHS
RoHS
THERMAL RESISTANCE
Rth(j-c)
Junction to case (AC)
Rth(j-a)
Junction to ambient
2.1
60
°C/W
°C/W
UNIT
VALUE
SYMBOL
TO-220AB, D²PAK
TO-220AB Insulated
D²PAK
TO-220AB Insulated, TO-220AB
1.2
45
(1)
S =1cm²
Note 1: S=Copper surface under tab
Page 3 of 7
V
(2)
TM
MAX.
Vt0
(2)
Threshold voltage
MAX.
Dynamic resistance
MAX.
IDRM
IRRM
V = V
R
RRM
MAX.
mA
Note 1: Minimum l
is guaranted at 5% of l
max.
GT
GT
Note 2: For both polarities of A2 referenced to A1.
I
= 22.5 A,
TM
t = 380 µs
P
T = 125°C
j
T = 25°C
j
T = 125°C
j
T = 125°C
j
T = 25°C
j
1.55
0.85
25
5
1
V
V
µA
STATIC CHARACTERISTICS
UNIT
VALUE
TEST CONDITIONS
SYMBOL
(2)
Rd
V = V
D
DRM
MIN.
(dI/dt)c = 7 A/ms, T = 125°C
j
V/µs
5
10
(2)
(dV/dt)c
MIN.
V = 67% V
, gate open, T = 125°C
D
DRM
j
V/µs
200
400
(2)
dV/dt
II
80
120
MAX.
mA
I = 1.2 I
G
GT
IL
I - III - IV
40
60
(2)
IH
MAX.
I = 500 mA
T
mA
50
25
ALL
V = V
, R = 3.3KΩ,
D
DRM
L
T = 125°C
j
0.2
V
VGD
ALL
1.3
V
VGT
V = 12 V, R = 33Ω
D
L
IV
50
100
mA
I
(1)
GT
I - II - III
MAX.
25
50
C
B
QUADRANT
UNIT
TEST CONDITIONS
SYMBOL
16Txxxx
Standard (4 quadrants)
(T
ºC unless otherwise specified)
J= 25
ELECTRICAL CHARACTERISTICS
PRODUCT SELECTOR
PART NUMBER
VOLTAGE (x x)
SENSITIVITY
PACKAGE
600 V
50 mA
50 mA
25 mA
35 mA
10 mA
1000 V
16TxxA-B/16TxxAl-B
16TxxA-BW/16TxxAl-BW
16TxxA-C/16TxxAl-C
16TxxA-CW/16TxxAl-CW
16TxxA-SW/16TxxAl-SW
TYPE
TO-220AB
TO-220AB
TO-220AB
TO-220AB
TO-220AB
Standard
Snubberless
Standard
Snubberless
Logic level
V
V
V
V
V
V
V
V
V
V
800 V
V
V
V
V
V
16TxxH-SW
16TxxH-CW
V
V
V
V
V
V
10 mA
35 mA
Snubberless
D²PAK
D²PAK
Logic level
www.nellsemi.com


Similar Part No. - 16T10H-C

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
16T10HB NELLSEMI-16T10HB Datasheet
661Kb / 7P
   TRIACs
16T10HBW NELLSEMI-16T10HBW Datasheet
661Kb / 7P
   TRIACs
16T10HC NELLSEMI-16T10HC Datasheet
661Kb / 7P
   TRIACs
16T10HCW NELLSEMI-16T10HCW Datasheet
661Kb / 7P
   TRIACs
16T10HSW NELLSEMI-16T10HSW Datasheet
661Kb / 7P
   TRIACs
More results

Similar Description - 16T10H-C

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
8T06A-BW NELLSEMI-8T06A-BW Datasheet
674Kb / 7P
   TRIACs, 8A Snubberless, Logic Level and Standard
4T06A-CW NELLSEMI-4T06A-CW Datasheet
414Kb / 7P
   TRIACs, 4A Snubberless, Logic Level and Standard
6T06A-BW NELLSEMI-6T06A-BW Datasheet
340Kb / 6P
   TRIACs, 6A Snubberless, Logic Level and Standard
12T06A-BW NELLSEMI-12T06A-BW Datasheet
598Kb / 6P
   TRIACs, 12A Snubberless, Logic Level and Standard
logo
Kersemi Electronic Co.,...
BTA16-600SW KERSEMI-BTA16-600SW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-700B KERSEMI-BTA16-700B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-600B KERSEMI-BTA16-600B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-600BW KERSEMI-BTA16-600BW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
logo
STMicroelectronics
T1635-700G-TR STMICROELECTRONICS-T1635-700G-TR Datasheet
114Kb / 10P
   16 A Snubberless?? logic level and standard Triacs
BTA12-700SWRG STMICROELECTRONICS-BTA12-700SWRG Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com