Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

26T08B-BW Datasheet(PDF) 6 Page - Nell Semiconductor Co., Ltd

Part # 26T08B-BW
Description  TRIACs, 25A Sunbberless and Standard
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

26T08B-BW Datasheet(HTML) 6 Page - Nell Semiconductor Co., Ltd

  26T08B-BW Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 26T08B-BW Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 26T08B-BW Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 26T08B-BW Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 26T08B-BW Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 26T08B-BW Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.nellsemi.com
Page 6 of 6
SEMICONDUCTOR
RoHS
RoHS
Case Style
26T Series
TO-3P
2.87 (0.113)
2.62 (0.103)
9.40 (0.370)
9.14 (0.360)
10.54 (0.415) MAX.
16.13 (0.635)
15.87 (0.625)
PIN
4.06 (0.160)
3.56 (0.140)
1.45 (0.057)
1.14 (0.045)
2.67 (0.105)
2.41 (0.095)
2.65 (0.104)
2.45 (0.096)
5.20 (0.205)
4.95 (0.195)
0.90 (0.035)
0.70 (0.028)
3.91 (0.154)
3.74 (0.148)
1
3
2
4.70 (0.185)
4.44 0.1754
(
)
1.39 (0.055)
1.14 (0.045)
3.68 (0.145)
3.43 (0.135)
8.89 (0.350)
8.38 (0.330)
29.16 (1.148)
28.40 (1.118)
14.22 (0.560)
13.46 (0.530)
0.56 (0.022)
0.36 (0.014)
2.79 (0.110)
2.54 (0.100)
15.32 (0.603)
14.55 (0.573)
TO-220AB
2
TO-263(D PAK)
2.79 (0.110)
0.36 (0.014)
2.79 (0.110)
2.29 (0.090)
1.40 (0.055)
1.19 (0.047)
0 to 0.254 (0 to 0.01)
1.40 (0.055)
1.14 (0.045)
4.83 (0.190)
4.06 (0.160)
10.45 (0.411)
9.65 (0.380)
6.22 (0.245)
9.14 (0.360)
8.13 (0.320)
15.00 (0.591)
0.940 (0.037)
0.686 (0.027)
2.67 (0.105)
2.41 (0.095)
5.20 (0.205)
4.95 (0.195)
15.85 (0.624)
3.56 (0.140)
0.53 (0.021)


Similar Part No. - 26T08B-BW

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
26T NELLSEMI-26T Datasheet
613Kb / 6P
   Snubberless and Standard
logo
Satco Products, Inc.
26T2/27 SATCO-26T2/27 Datasheet
125Kb / 1P
   26 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
26T2/27 SATCO-26T2/27 Datasheet
125Kb / 1P
   26 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
26T2/41 SATCO-26T2/41 Datasheet
125Kb / 1P
   26 watt; Mini Spiral Compact Fluorescent; 4100K; 82 CRI; Medium base; 120 volts
26T2/50 SATCO-26T2/50 Datasheet
125Kb / 1P
   26 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI; Medium base; 120 volts
More results

Similar Description - 26T08B-BW

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
25T06A-BW NELLSEMI-25T06A-BW Datasheet
865Kb / 6P
   TRIACs, 25A Sunbberless and Standard
20T06A-BW NELLSEMI-20T06A-BW Datasheet
1Mb / 5P
   TRIACs, 20A Sunbberless
M40T60A NELLSEMI-M40T60A Datasheet
238Kb / 5P
   TRIACs, 40A Sunbberless
41T06B-BW NELLSEMI-41T06B-BW Datasheet
497Kb / 5P
   TRIACs, 40A Sunbberless
logo
STMicroelectronics
BTA24 STMICROELECTRONICS-BTA24 Datasheet
137Kb / 12P
   25A TRIACS
logo
Tiger Electronic Co.,Lt...
BTA24-600B TGS-BTA24-600B Datasheet
128Kb / 1P
   25A TRIACS
BTA26-600BW TGS-BTA26-600BW Datasheet
67Kb / 1P
   25A TRIACS
BTA24-600C TGS-BTA24-600C Datasheet
285Kb / 1P
   25A TRIACS
logo
Unisonic Technologies
BTB24A UTC-BTB24A_15 Datasheet
165Kb / 3P
   25A TRIACS
BTB24 UTC-BTB24 Datasheet
171Kb / 3P
   25A TRIACS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com