Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8T08A-SW Datasheet(PDF) 7 Page - Nell Semiconductor Co., Ltd

Part # 8T08A-SW
Description  TRIACs, 8A Snubberless, Logic Level and Standard
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

8T08A-SW Datasheet(HTML) 7 Page - Nell Semiconductor Co., Ltd

  8T08A-SW Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 8T08A-SW Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 8T08A-SW Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 8T08A-SW Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 8T08A-SW Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 8T08A-SW Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 8T08A-SW Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SEMICONDUCTOR
8T Series RoHS
RoHS
www.nellsemi.com
Page 7 of 7
RoHS
4T
6.4(0.52)
6.6(0.26)
5.2(0.204)
5.4(0.212)
1.5(0.059)
1.37(0.054)
9.4(0.37)
9(0.354)
16.3(0.641)
15.9(0.626)
4.6(0.181)
4.4(0.173)
0.85(0.033)
0.76(0.03)
0.65(0.026)
0.55(0.021)
1.9(0.075)
1.8(0.071)
2.4(0.095)
2.2(0.086)
0.62(0.024)
0.48(0.019)
0.62(0.024)
0.45(0.017)
6.2(0.244)
6(0.236)
1
2
2
3
1.14(0.045)
0.89(0.035)
0.76(0.030)
2.28(0.090)
4.57(0.180)
0.64(0.025)
6.4(0.251)
6.6(0.259)
5.4(0.212)
5.2(0.204)
1.5(0.059)
1.37(0.054)
9.35(0.368)
10.1(0.397)
2.4(0.095)
2.2(0.086)
0.62(0.024)
0.48(0.019)
6.2(0.244)
6(0.236)
0.62(0.024)
0.45(0.017)
TO-251
(I-PAK)
TO-252
(D-PAK)
Case Style


Similar Part No. - 8T08A-SW

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
8T0060 NJSEMI-8T0060 Datasheet
59Kb / 1P
   Schottky Rectifiers
8T0060 NJSEMI-8T0060 Datasheet
59Kb / 1P
   Schottky Rectifiers
8T0060 NJSEMI-8T0060 Datasheet
59Kb / 1P
   Schottky Rectifiers
More results

Similar Description - 8T08A-SW

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
16T06A-BW NELLSEMI-16T06A-BW Datasheet
2Mb / 7P
   TRIACs, 16A Snubberless, Logic Level and Standard
4T06A-CW NELLSEMI-4T06A-CW Datasheet
414Kb / 7P
   TRIACs, 4A Snubberless, Logic Level and Standard
6T06A-BW NELLSEMI-6T06A-BW Datasheet
340Kb / 6P
   TRIACs, 6A Snubberless, Logic Level and Standard
12T06A-BW NELLSEMI-12T06A-BW Datasheet
598Kb / 6P
   TRIACs, 12A Snubberless, Logic Level and Standard
logo
Kersemi Electronic Co.,...
BTA16-600SW KERSEMI-BTA16-600SW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-700B KERSEMI-BTA16-700B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-600B KERSEMI-BTA16-600B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-600BW KERSEMI-BTA16-600BW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
logo
STMicroelectronics
T1635-700G-TR STMICROELECTRONICS-T1635-700G-TR Datasheet
114Kb / 10P
   16 A Snubberless?? logic level and standard Triacs
BTA12-700SWRG STMICROELECTRONICS-BTA12-700SWRG Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com