Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20T10A-CW Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # 20T10A-CW
Description  TRIACs, 20A Sunbberless
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

20T10A-CW Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  20T10A-CW Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 20T10A-CW Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 20T10A-CW Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 20T10A-CW Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 20T10A-CW Datasheet HTML 5Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.nellsemi.com
Page 1 of 5
SEMICONDUCTOR
20T Series RoHS
RoHS
G
A2
A1
TRIACs, 20A
1
2
3
TO-220AB (lnsulated)
(20TxxAI)
TO-220AB (non-Insulated)
SYMBOL
IT(RMS)
RMS on-state current (full sine wave)
TO-263/TO-220AB/TO-3P
ITSM
Non repetitive surge peak on-state
current (full cycle, T initial = 25°C)
j
A
I t
2
2
I t Value for fusing
200
2
A s
dI/dt
Critical rate of rise of on-state current
I = 2xl
, t ≤100ns
G
GT
r
50
IGM
Peak gate current
4
PG(AV)
Average gate power dissipation
1
PGM
10
W
A/µs
A
A
UNIT
VALUE
200
210
F =50 Hz
F =60 Hz
t = 20 ms
t = 16.7 ms
t = 10 ms
p
F =100 Hz
T =125ºC
j
T =125ºC
j
T =125ºC
j
T =20 µs
p
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITIONS
TO-220AB insulated/TO-3P insulated
T = 90ºC
c
T = 70ºC
c
A2
A2
G
A1
2
TO-263 (D PAK)
(20TxxH)
FEATURES
APPLICATIONS
Medium current triac
Low thermal resistance with clip bonding
Low thermal resistance insulation ceramic
for insulated TO-220AB & TO-3P package
Clip assembly
20T series are UL certified (File ref: E320098)
Packages are RoHS compliant
The snubberless concept offer suppression of RC
network and it is suitable for applications such as
phase control and static switching on inductive or
resistive load.
MAIN FEATURES
SYMBOL
VALUE
UNIT
IT(RMS)
V
/V
DRM
RRM
IGT(Q1)
20
A
V
mA
35 to 50
600 to 1000
20
Due to their clip assembly techinque, they provide
a superior performance in surge current handling
capabilities.
By using an internal ceramic pad, the 20T series
provides voltage insulated tab (rated at 2500VRMS)
complying with UL standards.
Tstg
Storage temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
ºC
Tj
1
2
G
TO-3P (Insulated)
(20TxxBI)
(20TxxA)
A1 A2 G
A2
(20TxxB)
Peak gate power dissipation (tp = 20µs)
T =125ºC
j
Sunbberless
A2
TO-3P (non-Insulated)


Similar Part No. - 20T10A-CW

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
20T10A-CW NELLSEMI-20T10A-CW Datasheet
595Kb / 5P
   TRIACs
More results

Similar Description - 20T10A-CW

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
M40T60A NELLSEMI-M40T60A Datasheet
238Kb / 5P
   TRIACs, 40A Sunbberless
41T06B-BW NELLSEMI-41T06B-BW Datasheet
497Kb / 5P
   TRIACs, 40A Sunbberless
26T06A-BW NELLSEMI-26T06A-BW Datasheet
865Kb / 6P
   TRIACs, 25A Sunbberless and Standard
25T06A-BW NELLSEMI-25T06A-BW Datasheet
865Kb / 6P
   TRIACs, 25A Sunbberless and Standard
logo
Unisonic Technologies
BTA20A UTC-BTA20A Datasheet
166Kb / 3P
   20A TRIACS
logo
JIEJIE MICROELECTRONICS...
BTA20 JIEJIE-BTA20 Datasheet
506Kb / 4P
   20A TRIACs
logo
Kersemi Electronic Co.,...
BTA20-700C KERSEMI-BTA20-700C Datasheet
897Kb / 4P
   20A TRIACS
logo
STMicroelectronics
BTA20 STMICROELECTRONICS-BTA20 Datasheet
83Kb / 6P
   20A TRIACS
logo
Kersemi Electronic Co.,...
BTA20-800B KERSEMI-BTA20-800B Datasheet
897Kb / 4P
   20A TRIACS
logo
Unisonic Technologies
BTB20A UTC-BTB20A Datasheet
165Kb / 3P
   20A TRIACS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com