Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM67D709 Datasheet(PDF) 6 Page - Motorola, Inc

Part # MCM67D709
Description  128K x 9 Bit Synchronous Dual I/O Fast Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM67D709 Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MCM67D709 Datasheet HTML 2Page - Motorola, Inc MCM67D709 Datasheet HTML 3Page - Motorola, Inc MCM67D709 Datasheet HTML 4Page - Motorola, Inc MCM67D709 Datasheet HTML 5Page - Motorola, Inc MCM67D709 Datasheet HTML 6Page - Motorola, Inc MCM67D709 Datasheet HTML 7Page - Motorola, Inc MCM67D709 Datasheet HTML 8Page - Motorola, Inc MCM67D709 Datasheet HTML 9Page - Motorola, Inc MCM67D709 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MCM67D709
6
MOTOROLA FAST SRAM
WRITE THROUGH – READ – WRITE (See Note 1)
Processor Frequency
60 MHz
50 MHz
MCM67D709–16
MCM67D709–20
Parameter
Symbol
Min
Max
Min
Max
Unit
Notes
Write Cycle Times
tKHKH
16
20
ns
1, 2
Clock Low Pulse Width
tKLKH
5
5
ns
Clock High Pulse Width
tKHKL
7
7
ns
Clock High to Output High–Z (W = VIL and
SIE = PIE = VIH)
tKHQZ
8
8
ns
3, 4
Setup Times:
A
W
PIE
SIE
SDQ0 – SDQ7, SDQP, PDQ0 – PDQ7, PDQP
tAVKL
tWLKH
tPIEVKH
tSIEVKH
tDVKH
2
2
2
2
2
2
2
2
2
2
ns
Hold Times:
A
W
PIE
SIE
SDQ0 – SDQ7, SDQP, PDQ0 – PDQ7, PDQP
tKLAX
tKHWX
tKHPIEX
tKHSIEX
tKHDX
2
2
2
2
2
2
2
2
2
2
ns
Write with Streaming (PIE = SOE = VIL or
SIE = POE = VIL) Clock High to Output Valid
tKHQV
5
7
ns
5
Output Enable High to Q High–Z
tPOEHQZ
tSOEHQZ
0
6
0
8
ns
6
Output Hold from Output Enable High
tPOEHQX
tSOEHQX
2
5
ns
6
Output Enable Low to Q Active
tPOELQX
tSOELQX
0
0
ns
6
Output Enable Low to Output Valid
tPOELQV
tSOELQV
5
6
ns
NOTES:
1. A write is performed with W = VIL for the specified setup and hold times and either PIE = VIL or SIE = VIL. If both PIE = VIL and SIE = VIL or
PIE = VIH and SIE = VIH, then this is treated like a NOP and no write is performed.
2. All write cycle timings are referenced from K.
3. K must be at a high level for the outputs to transition.
4. Transition is measured
± 500 mV from steady–state voltage with output load of Figure 1B. This parameter is sampled and not 100% tested.
5. A write with streaming is defined as a write cycle which writes data from one data bus to the array and outputs the same data onto the
other data bus.
6. Transition is measured
± 500 mV from steady–state voltage with output load of Figure 1B. This parameter is sampled and not 100% tested.
At any given voltage and temperature, tPOEHQZ is less than tPOELQX for a given device, and tSOEHQZ is less than tSOELQX for
a given device.


Similar Part No. - MCM67D709

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6706AR MOTOROLA-MCM6706AR Datasheet
152Kb / 8P
   32K x 8 Bit Static Random Access Memory
MCM6706ARJ6 MOTOROLA-MCM6706ARJ6 Datasheet
152Kb / 8P
   32K x 8 Bit Static Random Access Memory
MCM6706ARJ6R2 MOTOROLA-MCM6706ARJ6R2 Datasheet
152Kb / 8P
   32K x 8 Bit Static Random Access Memory
MCM6706ARJ7 MOTOROLA-MCM6706ARJ7 Datasheet
152Kb / 8P
   32K x 8 Bit Static Random Access Memory
MCM6706ARJ7R2 MOTOROLA-MCM6706ARJ7R2 Datasheet
152Kb / 8P
   32K x 8 Bit Static Random Access Memory
More results

Similar Description - MCM67D709

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM67Q709A MOTOROLA-MCM67Q709A Datasheet
139Kb / 10P
   128K x 9 Bit Separate I/O Synchronous Fast Static RAM
MCM67Q909 MOTOROLA-MCM67Q909 Datasheet
139Kb / 10P
   512K x 9 Bit Separate I/O Synchronous Fast Static RAM
MCM62110 MOTOROLA-MCM62110 Datasheet
206Kb / 12P
   32K x 9 Bit Synchronous Dual I/O or Separate I/O Fast Static RAM with Parity Checker
logo
Cypress Semiconductor
CY7C09089 CYPRESS-CY7C09089 Datasheet
347Kb / 19P
   64K/128K x 8/9 Synchronous Dual-Port Static RAM
logo
Motorola, Inc
MCM63P733A MOTOROLA-MCM63P733A Datasheet
238Kb / 16P
   128K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P735 MOTOROLA-MCM69P735 Datasheet
183Kb / 16P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P736 MOTOROLA-MCM69P736 Datasheet
180Kb / 16P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P737 MOTOROLA-MCM69P737 Datasheet
279Kb / 20P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
logo
Integrated Device Techn...
IDT709199L IDT-IDT709199L Datasheet
178Kb / 15P
   HIGH-SPEED 128K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Motorola, Inc
MCM69L735 MOTOROLA-MCM69L735 Datasheet
182Kb / 16P
   128K x 36 Bit Data Latch BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com