Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4T10A-TW Datasheet(PDF) 5 Page - Nell Semiconductor Co., Ltd

Part # 4T10A-TW
Description  TRIACs, 4A Snubberless, Logic Level and Standard
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

4T10A-TW Datasheet(HTML) 5 Page - Nell Semiconductor Co., Ltd

  4T10A-TW Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 4T10A-TW Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 4T10A-TW Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 4T10A-TW Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 4T10A-TW Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 4T10A-TW Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 4T10A-TW Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.nellsemi.com
Page 5 of 7
SEMICONDUCTOR
4T Series RoHS
RoHS
1
10
100
ITM (A)
0
5
10
15
20
25
30
35
40
ITSM (A)
Fig.5 On-state characteristics (maximum values).
Fig.6 Surge peak on-state current versus number
of cycles.
0
1
10
2
9
3
8
7
6
5
1
10
100
1000
-40
-20
0
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
2.0
2.5
IGT
IH & IL
Fig.9 Relative variation of critical rate of decrease
of main current versus (dV/dt)c (typical values).
Fig.10 Relative variation of critical rate of
of main current versus junction temperature
decrease
Fig.7 Non-repetitive surge peak on-state current
for a sinusoidal pulse with width tp < 10ms.
2
and corresponding value of l t.
Fig.8 Relative variation of gate trigger current,holding
current and latching current versus junction
temperature (typical values).
2
2
lTSM (A), l t(A s)
l
,l ,l [T ] / l
,l ,l [T =25°C]
GT H L
j
GT H L
j
(dI/dt)c [(dV/dt)c] / Specified (dI/dt)c
0.1
1.0
10.0
100.0
4
VTM(V)
T =25°C
j
T =125°C
j
T max. :
j
Vto = 0.85 V
Rd = 100 mW
Number of cycles
t=20ms
Non repetitive
T initial=25°C
j
Repetitive
T =100°C
c
One cycle
10
100
1000
dI/dt limitation:
50A/µs
T initial=25°C
j
ITSM
2
I t
tp(ms)
T (°C)
j
0.01
1
0.10
1.00
10.00
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
(dV/dt)c (V/µs)
D
S
T
A
T (°C)
j
0
1
2
3
4
5
6
0
25
50
75
100
125
Fig.11 DPAK thermal resistance junction to
ambient versus copper surface under
tab (priented circuit board Fr4, copper
thickness:35 µm)
0
10
20
30
40
50
60
70
80
90
100
0
4
8
12
16
20
24
28
32
36
40
Rth(j-a)°(C/W)
(dl/dt)c [T ] / (dl/dt)c [T specified]
j
j
2
S(cm )


Similar Description - 4T10A-TW

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
8T06A-BW NELLSEMI-8T06A-BW Datasheet
674Kb / 7P
   TRIACs, 8A Snubberless, Logic Level and Standard
16T06A-BW NELLSEMI-16T06A-BW Datasheet
2Mb / 7P
   TRIACs, 16A Snubberless, Logic Level and Standard
6T06A-BW NELLSEMI-6T06A-BW Datasheet
340Kb / 6P
   TRIACs, 6A Snubberless, Logic Level and Standard
12T06A-BW NELLSEMI-12T06A-BW Datasheet
598Kb / 6P
   TRIACs, 12A Snubberless, Logic Level and Standard
logo
Kersemi Electronic Co.,...
BTA16-600SW KERSEMI-BTA16-600SW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-700B KERSEMI-BTA16-700B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-600B KERSEMI-BTA16-600B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-600BW KERSEMI-BTA16-600BW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
logo
STMicroelectronics
T1635-700G-TR STMICROELECTRONICS-T1635-700G-TR Datasheet
114Kb / 10P
   16 A Snubberless?? logic level and standard Triacs
BTA12-700SWRG STMICROELECTRONICS-BTA12-700SWRG Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com