Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTP50 Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

Part # MTP50
Description  Glass Passivated Three-Phase Bridge Rectifier, 50A
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

MTP50 Datasheet(HTML) 3 Page - Nell Semiconductor Co., Ltd

  MTP50 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd MTP50 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd MTP50 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
Page 3 of 3
MTP50
Fig.1 Forward characteristic
Fig.2 Thermal lmpedance (junction to case)
Fig.3 Power dissipation vs. output current
Fig.4 Case temperature vs output current
Fig.5 Forward surge current vs. cycle
2
Fig.6 I t characteristic
Case Temperature (°C)
Output current (A)
Forward current (A)
Time (s)
Time (ms)
Cycle @ 50Hz
Tj=150°C
3.5
3
2.5
2
1.5
1
0.5
10
100
1
000
0.35
0.3
0.25
0.2
0.15
0.1
0.05
0
0.001
0.01
0.1
1
10
250
200
150
100
50
0
0
10
20
30
40
50
60
70
70
60
50
40
30
20
10
0
20
40
60
80 100 120 140 160 180 200
0.8
0.7
0.6
0.5
0.4
0.3
0.2
1
10
100
3.2
2.8
2.4
2
1.6
1.2
0.8
1
10


Similar Part No. - MTP50

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
MTP500 NELLSEMI-MTP500 Datasheet
375Kb / 3P
   UL recognition file number E320098
MTP5006A1 NELLSEMI-MTP5006A1 Datasheet
664Kb / 3P
   Glass Passivated Triple-Phase Bridge Rectifier
MTP5006M1 NELLSEMI-MTP5006M1 Datasheet
655Kb / 3P
   Glass Passivated Triple-Phase Bridge Rectifier
MTP5006W NELLSEMI-MTP5006W Datasheet
604Kb / 3P
   Glass Passivated Triple-Phase Bridge Rectifier
MTP5008A1 NELLSEMI-MTP5008A1 Datasheet
664Kb / 3P
   Glass Passivated Triple-Phase Bridge Rectifier
More results

Similar Description - MTP50

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
MTP50A1 NELLSEMI-MTP50A1 Datasheet
699Kb / 3P
   Glass Passivated Triple-Phase Bridge Rectifier, 50A
logo
Naina Semiconductor ltd...
GBPC50 NAINA-GBPC50 Datasheet
209Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier, 50A
logo
Nell Semiconductor Co.,...
MTP50W NELLSEMI-MTP50W Datasheet
395Kb / 3P
   Glass Passivated Triple-Phase Bridge Rectifier, 50A
GBPC50M NELLSEMI-GBPC50M Datasheet
386Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier, 50A
logo
Jiangsu APT Semiconduct...
MD100S18M3 APTSEMI-MD100S18M3 Datasheet
88Kb / 3P
   Glass Passivated Three Phase Rectifier Bridge
MD100S18M5 APTSEMI-MD100S18M5 Datasheet
118Kb / 3P
   Glass Passivated Three Phase Rectifier Bridge
logo
Microsemi Corporation
MSD100 MICROSEMI-MSD100 Datasheet
131Kb / 3P
   Glass Passivated Three Phase Rectifier Bridge
logo
Yangzhou yangjie electr...
MD250S08M3 YANGJIE-MD250S08M3 Datasheet
140Kb / 3P
   Glass Passivated Three Phase Rectifier Bridge
logo
Nanjing International G...
MDS150P DGNJDZ-MDS150P Datasheet
1Mb / 2P
   Glass Passivated Three Phase Rectifier Bridge
MDS50G DGNJDZ-MDS50G Datasheet
1Mb / 2P
   Glass Passivated Three Phase Rectifier Bridge
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com