Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH6318 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # SFH6318
Description  LOW CURRENT, HIGH GAIN OPTOCOUPLER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SFH6318 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  SFH6318 Datasheet HTML 1Page - Siemens Semiconductor Group SFH6318 Datasheet HTML 2Page - Siemens Semiconductor Group SFH6318 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Maximum Ratings (25
°)
Emitter
Reverse Input Voltage....................................................................... 3 V
Supply and Output Voltage, VCC (pin 8-5), VO (pin 6-5)
SFH6318 ........................................................................... –0.5 to 7 V
SFH6319 ......................................................................... –0.5 to 18 V
Input Power Dissipation .............................................................. 35 mW
Derate Linearly above 50
°C
Free Air Temperature......................................................... 0.7 mW/
°C
Average Input Current.................................................................. 20 mA
Peak Input Current....................................................................... 40 mA
(50% Duty Cycle-1 ms pulse width)
Peak Transient Input Current
(tp
≤1 µsec, 300 pps) .................................................................. 1.0 A
Detector (Si Photodiode + Photodarlington)
Output Current IO (pin 6) ............................................................. 60 mA
Emitter-Base Reverse Voltage (pin 5-7)......................................... 0.5 V
Output Power Dissipation ......................................................... 150 mW
Derate Linearly from 25
°C ................................................... 2 mW/°C
Package
Storage Temperature .................................................. –55
°C to +125°C
Operating Temperature ................................................. –40
°C to +85°C
Lead Soldering Temperature (t=10 sec.) ..................................... 260
°C
Junction Temperature .................................................................. 100
°C
Ambient Temperature Range ...................................... –55
°C to +100°C
Isolation Test Voltage between
Emitter and Detector ...................................................2500 VACRMS
(refer to climate DIN 40046, part 2, Nov. 74)
Pollution Degree (DIN VDE 0110).........................................................2
Creepage Distance ......................................................................
≥4 mm
Clearance ....................................................................................
≥4 mm
Comparative Tracking Index
per DIN IEC 112/VDE 0303, part 1 .............................................. 175
Isolation Resistance
VIO=500 V, TA=25
°C RISOL .................................................≥1012W
VIO=500 V, TA=100
°C RISOL ...............................................≥1011W
Package Dimensions in Inches (mm)
TOLERANCE:
±.005 (unless otherwise noted)
40
°
Lead
Coplanarity
±.0015 (.04)
max.
.015
±.002
(.38
±.05)
.008 (.20)
7
°
.058
±.005
(1.49
±.13)
.125
±.005
(3.18
±.13)
.050
(1.27)
typ.
.192
±.005
(4.88
±.13)
.004 (.10)
.008 (.20)
.021
(.53)
5
° max.
R.010
(.25)
max.
.020
±.004
(.15
±.10)
2 plcs.
.240
(6.10)
.016
(.41)
Pin 1
.120
±.002
(3.05
±.05)
CL
1
2
3
4
8
7
6
5
.154
±.002
(.391
±.05)
VCC
NC
Anode
Cathode
NC
V0
VB
GND
FEATURES
• Industry Standard SOIC-8 Surface Mountable
Package
• High Current Transfer Ratio, 800%
• Low Input Current, 0.5mA
• High Output Current, 60mA
• Isolation Test Voltage, 2500 VACRMS
• TTL Compatible Output, VOL=0.1 V
• Adjustable Bandwidth-Access to Base
• Underwriters Lab File #E52744
APPLICATIONS
• Logic Ground Isolation-TTL/TTL, TTL/CMOS,
CMOS/CMOS, CMOS/TTL
• EIA RS 232C Line Receiver
• Low Input Current Line Receiver-Long Lines,
Party Lines
• Telephone Ring Detector
• 117 VAC Line Voltage Status Indication-Low
Input Power Dissipation
• Low Power Systems-Ground Isolation
DESCRIPTION
Very high current ratio together with 2500 VAC isolation
are achieved by coupling an LED with an integrated high
gain photodetector in a SOIC-8 package. Separate pins
for the photodiode and output stage enable TTL compat-
ible saturation voltages with high speed operation. Pho-
todarlington operation is achieved by tying the VCC and
VO terminals together. Access to the base terminal
allows adjustment to the gain bandwidth.
The SFH6318 is ideal for TTL applications since the
300% minimum current transfer ratio with an LED current
of 1.6 mA enables operation with one unit load-in and
one unit load-out with a 2.2 KW pull-up resistor.
The SFH6319 is best suited for low power logic applica-
tions involving CMOS and low power TTL. A 400% cur-
rent transfer ratio with only 0.5 mA of LED current is
guaranteed from 0
°C to 70°C.
Caution:
Due to the small geometries of this device, it should be handled
with Electrostatic Discharge (ESD) precautions. Proper ground-
ing would prevent damage further and/or degradation which
may be induced by ESD.
SFH6318
SFH6319
LOW CURRENT, HIGH GAIN
OPTOCOUPLER


Similar Part No. - SFH6318

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6318 VISHAY-SFH6318 Datasheet
149Kb / 8P
   High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
Rev. 2.0, 14-Jul-15
SFH6318 VISHAY-SFH6318 Datasheet
175Kb / 10P
   High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
01-Jan-2022
logo
Siemens Semiconductor G...
SFH6318T SIEMENS-SFH6318T Datasheet
33Kb / 3P
   LOW CURRENT, HIGH GAIN OPTOCOUPLER
logo
Vishay Siliconix
SFH6318T VISHAY-SFH6318T Datasheet
129Kb / 7P
   High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
Rev. 1.6, 20-Apr-07
SFH6318T VISHAY-SFH6318T Datasheet
175Kb / 10P
   High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
01-Jan-2022
More results

Similar Description - SFH6318

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH6318T SIEMENS-SFH6318T Datasheet
33Kb / 3P
   LOW CURRENT, HIGH GAIN OPTOCOUPLER
6N138 SIEMENS-6N138 Datasheet
32Kb / 2P
   LOW INPUT CURRENT, HIGH GAIN OPTOCOUPLER
logo
Vishay Siliconix
SFH6318T VISHAY-SFH6318T Datasheet
129Kb / 7P
   High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
Rev. 1.6, 20-Apr-07
SFH6318 VISHAY-SFH6318 Datasheet
149Kb / 8P
   High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
Rev. 2.0, 14-Jul-15
SFH6138 VISHAY-SFH6138 Datasheet
96Kb / 6P
   High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
Rev. 1.5, 26-Oct-04
SFH6319 VISHAY-SFH6319_V01 Datasheet
175Kb / 10P
   High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
01-Jan-2022
VO221AT VISHAY-VO221AT_V01 Datasheet
119Kb / 7P
   Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
01-Jan-2022
VO221AT VISHAY-VO221AT Datasheet
118Kb / 7P
   Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
Rev. 1.2, 22-Nov-12
VO221AT VISHAY-VO221AT_V02 Datasheet
119Kb / 7P
   Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
01-Jan-2023
IL221AT VISHAY-IL221AT Datasheet
127Kb / 7P
   Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
Rev. 1.8, 08-May-08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com