Selected language     English  ▼


N-30EPU12 Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

Part No. N-30EPU12
Description  FRED Ultrafast Soft Recovery Diode, 30 A
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NELLSEMI [Nell Semiconductor Co., Ltd]
Homepage  http://www.nellsemi.com
Logo 

   
 3 page
background image
SEMICONDUCTOR
RoHS
RoHS
Page 3 of 6
Nell High Power Products
N-30EPU12 Series
Fig.2 Forward current vs. forward voltage
Fig.3 Reverse recovery time vs. current rate of change
Fig.1 Maximum effective transient thermal impedance, junction-to-case vs. pulse duration
Rectangular pulse duration (seconds)
Anode-to-cathode voltage (V), VF
Current rate of change(A/μs), -di /dt
F
Fig.4 Reverse recovery charge vs. current rate of change
Fig 5. Reverse recovery current vs. current rate of change
0
Current rate of change (A/μs), -di /dt
F
Current rate of change (A/μs), -di /dt
F
600
800
400
1200
200
1000
5
4
3
2
1
0
0
1200
1000
800
600
400
200
0
600
800
400
1200
200
1000
0.90
0.80
0.60
0.40
0.70
0.50
0.20
0
-5
10
-4
10
-3
10
-2
10
-1
10
1.0
200
180
160
140
120
100
80
500
400
300
200
100
0
600
5000
4000
3000
2000
1000
0
25
20
15
10
5
0
Note:
D=0.9
0.5
0.1
0.3
0.7
0.05
SINGLE PULSE
Duty Factor D =t /t
1
2
Peak T = P
xZ
+T
J
DM
θJC
C
t1
t2
0.10
0.30
T =175°C
J
T =125°C
J
T =25°C
J
T =-55°C
J
60
40
20
0
T =125°C
J
V
=800V
R
60A
15A
30A
T =125°C
J
V
=800V
R
60A
30A
15A
30
35
T =125°C
J
V
=800V
R
60A
30A
15A
www.nellsemi.com




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl