Selected language     English  ▼


N-30EPU12 Datasheet(PDF) 4 Page - Nell Semiconductor Co., Ltd

Part No. N-30EPU12
Description  FRED Ultrafast Soft Recovery Diode, 30 A
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NELLSEMI [Nell Semiconductor Co., Ltd]
Homepage  http://www.nellsemi.com
Logo 

   
 4 page
background image
SEMICONDUCTOR
RoHS
RoHS
Page 4 of 6
Nell High Power Products
N-30EPU12 Series
5
1
2
N
30
E
P
U
12
1
Nell
2
-
3
-
Current rating
(30 = 30A)
4
-
TO-247
5
Voltage Rating (12 = 1200 V)
6
Ultrafast Recovery
Single Diode
-
-
-
Ordering Information Tabel
Device code
E = 2 pins
A = 3 pins
4
3
-
50
Fig.7 Maximum average forward current vs. case temperature
1
10
200
Fig6. Dynamic parameters vs. junction temperature
Junction temperature (°C),TJ
Case temperature (°C)
Fig.8 Junction capacitance vs. reverse voltage
reverse voltage (V), VR
1.2
1.0
0.8
0.6
0.4
0.2
0.0
50
45
40
35
30
25
10
5
0
25
100
125
150
175
75
50
25
100
125
150
0
75
200
180
160
140
120
100
Qrr
trr
IRRM
trr
Qrr
20
15
Duty cycle = 0.5
T =175°C
J
80
60
100
0
40
20
www.nellsemi.com




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl