Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N-30EPU12 Datasheet(PDF) 6 Page - Nell Semiconductor Co., Ltd

Part # N-30EPU12
Description  FRED Ultrafast Soft Recovery Diode, 30 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

N-30EPU12 Datasheet(HTML) 6 Page - Nell Semiconductor Co., Ltd

  N-30EPU12 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd N-30EPU12 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd N-30EPU12 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd N-30EPU12 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd N-30EPU12 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd N-30EPU12 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SEMICONDUCTOR
RoHS
RoHS
Page 6 of 6
Nell High Power Products
N-30EPU12
N-30APU12
Outine Table
Outine Table
N-30EPU12 Series
www.nellsemi.com


Similar Part No. - N-30EPU12

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
N-30EPU06 NELLSEMI-N-30EPU06 Datasheet
1Mb / 6P
   FRED Ultrafast Soft Recovery Diode, 30 A
More results

Similar Description - N-30EPU12

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
N-30EPU06 NELLSEMI-N-30EPU06 Datasheet
1Mb / 6P
   FRED Ultrafast Soft Recovery Diode, 30 A
N-30ETU06 NELLSEMI-N-30ETU06 Datasheet
1Mb / 6P
   FRED Ultrafast Soft Recovery Diode, 30 A
N-30ETU12 NELLSEMI-N-30ETU12 Datasheet
1Mb / 6P
   FRED Ultrafast Soft Recovery Diode, 30 A
N-HFA60PA40C NELLSEMI-N-HFA60PA40C Datasheet
568Kb / 5P
   FRED Ultrafast Soft Recovery Diode, 2 x 30 A
N-HFA60PA60C NELLSEMI-N-HFA60PA60C Datasheet
564Kb / 5P
   FRED Ultrafast Soft Recovery Diode, 2 x 30 A
N-HFA08TB120 NELLSEMI-N-HFA08TB120 Datasheet
324Kb / 6P
   FRED Ultrafast Soft Recovery Diode, 8 A
N-HFA15PB60 NELLSEMI-N-HFA15PB60 Datasheet
953Kb / 6P
   FRED Ultrafast Soft Recovery Diode, 15 A
logo
Vishay Siliconix
VS-E4PU3006LHN3 VISHAY-VS-E4PU3006LHN3_V01 Datasheet
154Kb / 6P
   Ultrafast Soft Recovery Diode, 30 A FRED Pt짰 Gen 4
01-Jan-2022
logo
Nell Semiconductor Co.,...
N-40EPU06 NELLSEMI-N-40EPU06 Datasheet
1Mb / 6P
   FRED Ultrafast Soft Recovery Diode, 40 A
N-HFA15PB120 NELLSEMI-N-HFA15PB120 Datasheet
871Kb / 5P
   FRED Ultrafast Soft Recovery Diode, 15 A
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com