Electronic Components Datasheet Search
Selected language     English  ▼


N-30ETU06 Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

Part No. N-30ETU06
Description  FRED Ultrafast Soft Recovery Diode, 30 A
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NELLSEMI [Nell Semiconductor Co., Ltd]
Homepage  http://www.nellsemi.com
Logo 

   
 3 page
background image
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
N-30ETU06
Fig.1 Typical forward voltage drop characteristics
Fig.2 Typical values of reverse current vs.
reverse voltage
1000
100
10
1
0
0.5
1
1.5
2
2.5
3
Forward voltage drop-V (V)
F
Reverse voltage-V (V)
R
1000
100
10
1
0.1
0.01
0.001
0
100
200
300
400
500
600
Fig.3 Typical junction capacitance vs. reverse voltage
Reverse voltage-V (V)
R
1000
100
10
0
100
200
300
400
500
600
T =175°
j
T =125°
j
T =25°
j
3.5
0.0001
T =175°
j
T =125°
j
T =25°
j
T =150°
j
T =100°
j
T =25°
j
1
10
100 200
Fig.4 Junction capacitance vs. reverse voltage
Reverse voltage (V), VR
0
20
40
60
80
100
120
140
160
180
200
10-5
10-4
10-3
10-2
10-1
1.0
0
t2
Fig.5 Maximum effective transient thermal impedance, junction-to-case vs. pulse duration
Rectangular pulse duration (seconds)
SINGLE PULSE
Note:
D =
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
0.5
0.7
0.3
0.1
0.05
0.9
t1
Duty Factor D =t /t
1 2
Peak T = P
xZ
+T
DM
θ
J
JC
C
www.nellsemi.com
Page 3 of 6




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl