Electronic Components Datasheet Search
Selected language     English  ▼


N-30ETU06 Datasheet(PDF) 6 Page - Nell Semiconductor Co., Ltd

Part No. N-30ETU06
Description  FRED Ultrafast Soft Recovery Diode, 30 A
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NELLSEMI [Nell Semiconductor Co., Ltd]
Homepage  http://www.nellsemi.com
Logo 

   
 6 page
background image
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
N-30ETU06
TO-220AC Package Outline
Anode
Cathode
10.26 0.404
[
]
9.98 0.393
[
]
Ø
[0.153]
3.89
Ø
[0.149]
3.78
2.90 0.114
[
]
2.59 0.102
[
]
12.90 0.508
[
]
12.50 0.492
[
]
3.91 0.154
[
]
3.40 0.134
[
]
13.49 0.531
[
]
13.08 0.515
[
]
2.54 0.100
[
] TYP
5.18 0.204
[
]
4.98 0.196
[
]
0.057 [1.45]
0.047 [1.19]
0.034 [0.86]
0.030 [0.76]
Cathode
4.72 0.186
[
]
4.42 0.174
[
]
1.47 0.058
[
]
1.19 0.047
[
]
9.19 0.362
[
]
8.99 0.354
[
]
2.79 0.110
[
]
2.51 0.099
[
]
0.46 0.018
[
]
0.36 0.014
[
]
N-30ETU06
2 pins
Anode
1
3
Cathode
Base
cathode
2
www.nellsemi.com
Page 6 of 6
TO-220AB Package Outline
Anode
10.26 0.404
[
]
9.98 0.393
[
]
Ø
[0.153]
3.89
Ø
[0.149]
3.78
2.90 0.114
[
]
2.59 0.102
[
]
12.90 0.508
[
]
12.50 0.492
[
]
3.91 0.154
[
]
3.40 0.134
[
]
13.49 0.531
[
]
13.08 0.515
[
]
2.54 0.100
[
] TYP
5.18 0.204
[
]
4.98 0.196
[
]
0.057 [1.45]
0.047 [1.19]
0.034 [0.86]
0.030 [0.76]
Cathode
4.72 0.186
[
]
4.42 0.174
[
]
1.47 0.058
[
]
1.19 0.047
[
]
9.19 0.362
[
]
8.99 0.354
[
]
2.79 0.110
[
]
2.51 0.099
[
]
0.46 0.018
[
]
0.36 0.014
[
]
N-30ATU06
3 pins
Anode
1
3
Anode
Base
cathode
2
Cathode




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl