Selected language     English  ▼


N-30ETU06 Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part No. N-30ETU06
Description  FRED Ultrafast Soft Recovery Diode, 30 A
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NELLSEMI [Nell Semiconductor Co., Ltd]
Homepage  http://www.nellsemi.com
Logo 

   
 1 page
background image
FRED
Ultrafast Soft Recovery Diode, 30 A
FEATURES
Ultrafast recovery
Ultrasoft recovery
Compliant to RoHS
Designed and qualified for industrial level
BENEFITS
Reduced RFI and EMI
Reduced power loss in diode and switching transistor
Higher frequency operation
Reduced snubbing
Reduced parts count
DESCRIPTION
PRODUCT SUMMARY
VR
600 V
VF at 30A at 25 °C
IF(AV)
30 A
trr (typical)
TJ (maximum)
Qrr
55 nC
dI(rec)M/dt
Anode
1
3
Cathode
Base
cathode
TO-220AC
N-30ETU06
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Cathode to anode voltage
VR
V
Maximum continuous forward current
I
= 116
T
ºC
C
A
Single pulse forward current
IFSM
300
Maximum repetitive forward current
IFRM
110
Maximum power dissipation
= 25
T
ºC
C
W
Operating junction and storage temperature range
TJ, TStg
ºC
SEMICONDUCTOR
N-30ETU06 RoHS
RoHS
Available
RoHS*
COMPLIANT
57
F
Nell High Power Products
1.8 V
600
30
145
- 55 to 150
23 ns
150 °C
260 A/μs
30ETU06 is a state of the art
ultrafast
diode. Employing the latest in epitaxial construction
and advanced
processing techniques it features
a superb combination of characteristics which result
in performance which is unsurpassed by any rectifier
previously available. With
basic ratings
of 600V
and 30 A
continuous
current,
the
is
especially well suited for use as the companion
diode for IGBTs and MOSFETs. In addition to ultrafast
recovery
time, the FRED
product line
features
extremely low values of peak recovery current (I
)
RRM
and does not exhibit any tendency to “snap-off” during
the t portion of recovery. The FRED features combine
b
to offer designers a rectifier with lower noise and
significantly lower switching losses in both the diode
and the switching transistor. These FRED advantages
can help to significantly reduce snubbing, component
count
and heatsink sizes. The
FRED
is ideally suited for applications in power supplies and
conversion systems (such as inverters), motor drives,
and many other similar applications where high speed,
high efficiency is needed.
recovery
30ETU06
30ETU06
N-30ATU06
Anode
1
3
Anode
Base
cathode
2
TO-220AB
2
Ver low lRRM
Ver low Qrr
= 25
T
ºC
C
= 100
T
ºC
C
P D
www.nellsemi.com
Page 1 of 6




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl