Selected language     English  ▼


N-40EPU06 Datasheet(PDF) 4 Page - Nell Semiconductor Co., Ltd

Part No. N-40EPU06
Description  FRED Ultrafast Soft Recovery Diode, 40 A
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NELLSEMI [Nell Semiconductor Co., Ltd]
Homepage  http://www.nellsemi.com
Logo 

   
 4 page
background image
SEMICONDUCTOR
RoHS
RoHS
Page 4 of 6
Nell High Power Products
N-40EPU06 Series
5
1
2
N
40
E
P
U
06
1
Nell
2
-
3
-
Current rating
(40 = 40A)
4
-
TO-247AC (Modified)
5
Voltage Rating (06 = 600 V)
6
Ultrafast Recovery
Single Diode
-
-
-
Ordering Information Tabel
Device code
E = 2 pins
A = 3 pins
4
3
-
Fig.6 Reverse recovery time vs. current rate of change
0
200
400
600
800
1000
1200
Current rate of change(A/μs), -di /dt
F
20A
40A
80A
180
160
140
120
100
80
60
40
20
0
Fig 7. Reverse recovery current vs. current rate of change
0
200
400
600
800
1000
1200
Current rate of change (A/μs), -di /dt
F
25
20
15
10
5
0
80A
40A
20A
T = 125°C
J
V
= 400V
R
T = 125°C
J
V
= 400V
R
Fig.8 Reverse recovery charge vs. current rate of change
0
200
400
600
800
1000
1200
Current rate of change (A/μs), -di /dt
F
80A
20A
40A
1400
1200
1000
800
600
400
200
0
T = 125°C
J
V
= 400V
R




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl