Selected language     English  ▼


N-40EPU06 Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part No. N-40EPU06
Description  FRED Ultrafast Soft Recovery Diode, 40 A
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NELLSEMI [Nell Semiconductor Co., Ltd]
Homepage  http://www.nellsemi.com
Logo 

   
 2 page
background image
SEMICONDUCTOR
RoHS
RoHS
Page 2 of 6
DYNAMIC RECOVERY CHARACTERISTICS
(TJ = 25
unless otherwise specified)
ºC
MIN.
TYP.
MAX.
UNITS
Reverse recovery time
-
ns
IF = 40 A
dI /dt = -200 A/µs
F
VR = 400 V
Peak recovery current
A
Reverse recovery charge
nC
THERMAL - MECHANICAL SPECIFICATIONS
MIN.
TYP.
MAX.
UNITS
Thermal resistance,
junction to case
°C/W
Thermal resistance,
case to heatsink
Mounting surface, flat, smooth
and greased
Weight
Mounting torque
N ⋅ m
Marking device
Case style TO-247AC modified
Case style TO-247AC
22
-
25
-
-
6
-
-
-
-
-
( )
5
(10)
(lbf . in)
0.6
1.2
Nell High Power Products
160
3
-
N-40EPU06 Series
I = 0.5A, I = 1A, I
=0.25A
F
R
RR
(RG#1 CKT)
-
40EPU06
40APU06
36
45
-
trr
lRRM
Qrr
I = 1A, dI /dt = -100 A/µs, V =30V, T =25°C
F
F
R
J
T = 25°C
J
T = 125°C
J
T = 25°C
J
T = 125°C
J
T = 25°C
J
T = 125°C
J
480
35
-
-
-
RthJC
RthCS
0.67
0.3
5.5
0.2
-
-
-
-
-
-
-
g
oz.
-
-
PARAMETER
SYMBOL
TEST CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
Fig.2 Typical values of reverse current vs.
reverse voltage
Reverse voltage
, VR
(V)
1000
100
10
1
0.1
0.01
0.001
0
100
200
300
400
500
600
0.0001
T =175°
j
T =125°
j
T =25°
j
T =150°
j
T =100°
j
Fig.1 Forward current vs. forward voltage
Anode-to-cathode voltage (V), VF
2.1
1.8
1.5
1.2
0.9
0.6
0
120
100
80
60
40
20
0
T =125°C
J
T =175°C
J
T =25°C
J
T =-55°C
J




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl