Selected language     English  ▼


N-40APU06 Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

Part No. N-40APU06
Description  FRED Ultrafast Soft Recovery Diode, 40 A
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NELLSEMI [Nell Semiconductor Co., Ltd]
Homepage  http://www.nellsemi.com
Logo 

   
 3 page
background image
SEMICONDUCTOR
RoHS
RoHS
Page 3 of 6
Nell High Power Products
N-40EPU06 Series
10-5
10-4
10-3
10-2
10-1
1.0
0
Fig.3b transient thermal impedance model
Fig.3a Maximum effective transient thermal impedance, junction-to-case vs. pulse duration
Rectangular pulse duration (seconds)
0.70
0.60
0.50
0.40
0.30
0.20
0.10
0.5
SINGLE PULSE
0.1
0.3
0.7
0.05
:
D = 0.9
Duty Factor D =t /t
1 2
Peak T = P
xZ
+T
DM
θ
J
JC
C
t1
t2
0.289
0.381
0.00448
0.120
Power
(watts)
RC MODEL
Junction
temp (°C)
Case temperature (°C)
100 200
Fig.4 Junction capacitance vs. reverse voltage
reverse voltage (V), VR
1
10
200
180
160
140
120
100
80
60
40
20
0
See note (1)
DC
Square wave (D = 0.5)
Rated V applied
R
Fig.5 Max. allowable case temperature
Vs. average forward current
40
80
100
120
140
160
180
35
30
25
20
10
0
60
50
45
Average forward current I
(A)
F(AV)




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl