Electronic Components Datasheet Search
Selected language     English  ▼


N-60APU06 Datasheet(PDF) 4 Page - Nell Semiconductor Co., Ltd

Part No. N-60APU06
Description  FRED Ultrafast Soft Recovery Diode, 60 A
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NELLSEMI [Nell Semiconductor Co., Ltd]
Homepage  http://www.nellsemi.com
Logo 

   
 4 page
background image
SEMICONDUCTOR
RoHS
RoHS
Page 4 of 6
0
20
40
60
80
100
120
140
0
20
40
60
80
100
DC
RMS Limit
D = 0.01
D = 0.02
D = 0.05
D = 0.10
D = 0.20
D = 0.50
10
100
1000
50
100
150
200
250
300
dI /dt (A/µs)
F
0
500
1000
1500
2000
2500
3000
dI /dt (A/µs)
F
0
20
40
60
80
100
0
30
60
90
120
150
180
Average Forward Current I
(A)
F(AV)
DC
Square Wave (D=0.50)
80% Rated Vr applied
see note (3)
Average Forward Current I
(A)
F(AV)
Fig.5 Max. Allowable Case Temperature
Vs. Average Forward Current
Fig.6 Forward Power Loss Characteristics
Fig.7 Typical Stored Charge vs. dI /dt
F
Fig.8 Typical Reverse Recovery Time vs. dI /dt
F
Nell High Power Products
T =125°C
j
T =25°C
j
I = 30A
F
I = 60A
F
T =125°C
j
T =25°C
j
I = 30A
F
I = 60A
F
N-60EPU06 Series
0
100
1000
5
1
2
N
60
E
P
U
06
1
Nell
2
-
3
-
Current rating
(60 = 60A)
4
-
TO-247AC (Modified)
5
Voltage Rating (06 = 600 V)
6
Ultrafast Recovery
Single Diode
-
-
-
Ordering Information Tabel
Device code
E = 2 pins
A = 3 pins
4
3
-




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl