Selected language     English  ▼


N-60EPU12 Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

Part No. N-60EPU12
Description  FRED Ultrafast Soft Recovery Diode, 60 A
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NELLSEMI [Nell Semiconductor Co., Ltd]
Homepage  http://www.nellsemi.com
Logo 

   
 3 page
background image
SEMICONDUCTOR
RoHS
RoHS
Page 3 of 6
Nell High Power Products
N-60EPU12 Series
-5
10
Fig.1 Maximum effective transient thermal impedance, junction-to-case vs. pulse duration
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
0.5
0.1
0.3
0.7
0.05
Note:
D = 0.9
-4
10
-3
10
-2
10
-1
10
1
Single pulse
Rectangular pulse duration (seconds)
Duty Factor D = t /t
1
2
Peak T = P
x Z
+ T
J
DM
θJC
C
t1
t2
30A
60A
120A
400
300
200
100
0
40
35
30
25
20
15
10
5
0
200
180
160
140
120
100
80
60
40
20
0
7000
6000
5000
4000
3000
2000
1000
0
120A
60A
30A
120A
30A
60A
Fig.2 Forward current vs. forward voltage
T = 175°C
J
T = 125°C
J
T = 25°C
J
T = -55°C
J
4.5
4
3.5
3
2.5
2
1.5
1
0.5
0
Anode-to-cathode voltage-V (V)
F
500
800
600
400
200
0
1000
1200
T = 125°C
J
V
= 800V
R
Fig3. Reverse recovery time vs. current rate
of change
Current rate of change-di /dt(A/µs)
F
T = 125°C
J
V
= 800V
R
Fig.4 Reverse recovery charge vs. current
rate of change
Current rate of change-di /dt(A/µs)
F
800
600
400
200
0
1000
1200
Current rate of change-di /dt(A/µs)
F
800
600
400
200
0
1000
1200
Fig.5 Reverse recovery current vs. current
rate of change
T = 125°C
J
V
= 800V
R




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl