Electronic Components Datasheet Search
Selected language     English  ▼


N-60EPU12 Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part No. N-60EPU12
Description  FRED Ultrafast Soft Recovery Diode, 60 A
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NELLSEMI [Nell Semiconductor Co., Ltd]
Homepage  http://www.nellsemi.com
Logo 

   
 1 page
background image
Page 1 of 6
SEMICONDUCTOR
N-60EPU12 Series RoHS
RoHS
Ultrafast Soft Recovery Diode, 60 A
FEATURES
Ultrafast recovery
175 °C operating junction temperature
Designed and qualified for industrial level
BENEFITS
Reduced RFI and EMI
Higher frequency operation
Reduced snubbing
Reduced parts count
DESCRIPTION/APPLICATIONS
These diodes are optimized to reduce losses and EMI/RFI
in high frequency power conditioning systems.
The softness of the recovery eliminates the need for a
snubber in most applications. These devices are ideally
suited for HF welding, power converters and other
applications where switching losses are not significant
portion of the total losses.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Cathode to anode voltage
1200
Continuous forward current
lF(AV)
TC = 100 °C
60
A
Single pulse forward current
lFSM
570
Maximum repetitive forward current
lFRM
Square wave, 20 kHz
Operating junction and storage temperatures
- 55 to 175
ELECTRICAL SPECIFICATIONS
(TJ = 25
unless otherwise specified)
ºC
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Breakdown voltage,
blocking voltage
V
Forward voltage
Reverse leakage current
Junction capacitance
PRODUCT SUMMARY
TO-247AC modified
Cathode
IF(AV)
trr
VR
1
2
Anode
3
Anode
Cathode
35 ns
60 A
1200 V
2
Anode
to base
Cathode
to base
1
3
TO-247AB
pF
µA
°C
Nell High Power Products
-
-
-
-
FRED
N-60EPU12
N-60APU12
VR
T , T
j
Stg
TC = 25 °C
100
V
VBR,
Vr
VF
lR
CT
l = 100µA
R
1200
-
-
l = 60A
F
l = 120A
F
l = 60A, T = 125°C
F
J
V =
R
V
rated
R
T = 150°C,
J
V = V
rated
R
R
V = 200V
R
2.8
3.3
3.3
2.1
-
-
100
500
50
-
-
-
-
-
-




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl