Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH636 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # SFH636
Description  HIGH SPEED 5.3 kV OPTOCOUPLER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SFH636 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  SFH636 Datasheet HTML 1Page - Siemens Semiconductor Group SFH636 Datasheet HTML 2Page - Siemens Semiconductor Group SFH636 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
5–261
SFH636
Characteristics (TA=0° to 70°C, unless otherwise specified,typical values TA=25°C)
Figure 1. Test set-up
Figure 2. Switching time measurement
Description
Symbol
Min.
Typ.
Max.
Unit
Emitter (IR GaAlAs)
Forward Voltage, IF=16 mA
VF
1.5
1.8
V
Reverse Current, VR=3 V
IR
0.5
10
µA
Capacitance, VR=0 V, f=1 MHz
C0
125
pF
Thermal Resistance
RthJA
700
°K/W
Detector (Si Photodiode + Transistor)
Supply Current, Logic High
IF=0, VO (open), VCC=15 V, TA=25°C
IF=0, VO (open), VCC=15 V
ICCH
0.01
1
2
µA
Output Current, Output High
IF=0, VO (open), VCC=5.5 V, TA=25°C
IF=0, VO (open), VCC=15 V, TA=25°C
IF=0, VO (open), VCC=15 V
IOH
.003
.01
0.5
1
50
µA
Capacitance, VCE=5 V, f=1 MHz
CCE
3pF
Thermal Resistance
RthJA
300
°K/W
Package
Coupling Capacitance
CC
0.6
pF
Coupling Transfer Ratio
IF=16 mA, VO=0.4 V, VCC=4.5 V, TA=25°C
IF=16 mA, VO=0.5 V, VCC=4.5 V
IC/IF
19
15
30
%
Collector Emitter Saturation Voltage
IF=16 mA, IO=2.4 mA, VCC=4.5 V, TA=25°C
VOL
0.1
0.4
V
Supply Current, Logic Low
IF=16 mA, VO open, VCC=15 V
ICCL
80
µA
Vcc
1
2
3
4
5
6
R L
Vo
100
C L=15pF
C=100 nF
IF
Pulse generator
Zo=50
tr,tf=5 ns
Duty cycle=10%
Period =100 µs
5V
0
0
t
t
t
PHL
t PLH
Vout
IF
1.5V
16 mA


Similar Part No. - SFH636

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH636 VISHAY-SFH636 Datasheet
136Kb / 8P
   Optocoupler, High Speed Phototransistor Output, 1 Mbd, 10 kV/ms CMR, Split Collector Transistor Output
Rev. 1.6, 11-Jan-08
SFH636 VISHAY-SFH636 Datasheet
202Kb / 11P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH636-X001 VISHAY-SFH636-X001 Datasheet
202Kb / 11P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH636-X006 VISHAY-SFH636-X006 Datasheet
136Kb / 8P
   Optocoupler, High Speed Phototransistor Output, 1 Mbd, 10 kV/ms CMR, Split Collector Transistor Output
Rev. 1.6, 11-Jan-08
SFH636-X007 VISHAY-SFH636-X007 Datasheet
136Kb / 8P
   Optocoupler, High Speed Phototransistor Output, 1 Mbd, 10 kV/ms CMR, Split Collector Transistor Output
Rev. 1.6, 11-Jan-08
More results

Similar Description - SFH636

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH6345 SIEMENS-SFH6345 Datasheet
35Kb / 3P
   HIGH SPEED 5.3 kV OPTOCOUPLER
logo
Vishay Siliconix
SFH6135 VISHAY-SFH6135 Datasheet
448Kb / 4P
   HIGH-SPEED 5.3 kV TRIOS OPTOCOUPLER
Revision 17-August-01
logo
Siemens Semiconductor G...
SFH6016 SIEMENS-SFH6016 Datasheet
206Kb / 5P
   5.3 KV TRIOS OPTOCOUPLER HIGH RELIABILITY
logo
Infineon Technologies A...
SFH610A INFINEON-SFH610A Datasheet
426Kb / 3P
   5.3 kV TRIOS Optocoupler High Reliability
March 27, 2000-00
logo
Siemens Semiconductor G...
SFH608 SIEMENS-SFH608 Datasheet
103Kb / 3P
   PHOTOTRANSISTOR, 5.3 KV, TRIOS LOW CURRENT OPTOCOUPLER
SFH640 SIEMENS-SFH640 Datasheet
90Kb / 3P
   PHOTOTRANSISTOR 5.3 KV TRIOS HIGH BV CER VOLTAGE OPTOCOUPLER
SFH620A SIEMENS-SFH620A Datasheet
93Kb / 3P
   5.3 kV TRIOS OPTOCOUPLER AC VOLTAGE INPUT
SFH620AA SIEMENS-SFH620AA Datasheet
74Kb / 3P
   5.3 kV TRIOS Optocoupler AC Voltage Input
logo
Vishay Siliconix
SFH618A VISHAY-SFH618A Datasheet
473Kb / 4P
   Phototransistor, 5.3 kV TRIOS Low Current Input Optocoupler
Revision 17-August-01
logo
Siemens Semiconductor G...
6N135 SIEMENS-6N135 Datasheet
85Kb / 3P
   HIGH-SPEED 2.5 kV TRIOS OPTOCOUPLER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com