Electronic Components Datasheet Search
Selected language     English  ▼


N-80EPU12 Datasheet(PDF) 4 Page - Nell Semiconductor Co., Ltd

Part No. N-80EPU12
Description  FRED Ultrafast Soft Recovery Diode, 80 A
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NELLSEMI [Nell Semiconductor Co., Ltd]
Homepage  http://www.nellsemi.com
Logo 

   
 4 page
background image
SEMICONDUCTOR
RoHS
RoHS
Page 4 of 6
Nell High Power Products
N-80EPU12 Series
100
140
80
120
60
40
20
0
1.2
1
0.8
0.6
0.4
0.2
0
300
250
200
150
100
50
0
Fig.6 Dynamic parameters vs. junction temperature
Junction temperature-T (°C)
J
150
125
100
75
50
25
0
Qrr
lRRM
trr
Case temperature (°C)
Fig.7 Maximum average forward current vs.
case temperature
150
125
100
75
50
25
175
Fig.8 Junction capacitance vs. reverse voltage
Reverse voltage-V (V)
R
200
100
10
1
5
1
2
N
80
E
P
U
12
1
Nell
2
-
3
-
Current rating
(80 = 80A)
4
-
TO-247AC (Modified)
5
Voltage Rating (12 = 1200 V)
6
Ultrafast Recovery
Single Diode
-
-
-
Ordering Information Tabel
Device code
E = 2 pins
A = 3 pins
4
3
-
Duty cycle = 0.5
T = 175°C
J
350




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl