Selected language     English  â–Œ


N-HFA08TB120 Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

Part No. N-HFA08TB120
Description  FRED Ultrafast Soft Recovery Diode, 8 A
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NELLSEMI [Nell Semiconductor Co., Ltd]
Homepage  http://www.nellsemi.com
Logo 

   
 3 page
background image
SEMICONDUCTOR
RoHS
RoHS
Page 3 of 6
Nell High Power Products
0.01
0.1
1
10
100
1000
300
900
600
10
100
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
Single pulse
(thermal resistance)
D = 0.50
D = 0.20
D = 0.10
D = 0.05
D = 0.02
D = 0.01
T = 150 ÂșC
J
T = 125 ÂșC
J
T = 25 ÂșC
J
Fig.1 Maximum Forward Voltage Drop Characteristics
Forward Voltage Drop
(V)
- VFM
1
10
100
4
2
0
10
8
6
T
= 150ÂșC
J
T
= 125ÂșC
J
T
= 100ÂșC
J
T
= 25ÂșC
J
1200
0
Reverse Voltage - V
(V)
R
Fig.2 Typical Values of Reverse Current vs.
Reverse Voltage
T = 25ÂșC
J
10
1
10000
100
Reverse Voltage
(V)
- VR
1
Notes:
1. Duty factor D = t1/ t 2
2. Peak T
= Pdm x ZthJC + Tc
J
P
DM
1
t
2
t
Fig.3 Typical Junction Capacitance vs. Reverse Voltage
Fig.4 Maximum Thermal Impedance Z thJC Characteristics
10
1
N-HFA08TB120
Rectangular Pulse Duration (sec)- t1
www.nellsemi.com




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl