Selected language     English  â–Œ


N-HFA08TB120 Datasheet(PDF) 4 Page - Nell Semiconductor Co., Ltd

Part No. N-HFA08TB120
Description  FRED Ultrafast Soft Recovery Diode, 8 A
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NELLSEMI [Nell Semiconductor Co., Ltd]
Homepage  http://www.nellsemi.com
Logo 

   
 4 page
background image
Fig.5 Typical Reverse Recovery Time vs.dI /dt
F
F
Fig.6 Typical Recovery Current vs. di /dt
F
Fig.7 Typical Stored Charge vs. dI /dt
F
Fig.8 Typical dI(rec)M/dt vs. dI /dt
F
SEMICONDUCTOR
RoHS
RoHS
Page 4 of 6
Nell High Power Products
F
160
120
20
100
1000
140
100
60
IF= 8A
IF=
80
4A
1200
0
100
1000
IF= 8 A
IF= 4 A
V
= 160 V
R
T
= 125
J
ÂșC
T
= 25
J
ÂșC
400
1000
600
200
V
= 160 V
R
T
= 125
J
ÂșC
T
= 25
J
ÂșC
800
20
16
0
100
1000
IF= 8 A
IF= 4 A
4
12
1000
100
100
1000
IF= 8 A
IF= 4 A
10
V
= 160 V
R
T
= 125
J
ÂșC
T
= 25
J
ÂșC
V
= 160 V
R
T
= 125
J
ÂșC
T
= 25
J
ÂșC
8
F
F
F
F
N-HFA08TB120
www.nellsemi.com




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl