Selected language     English  â–¼


N-HFA08TB120 Datasheet(PDF) 6 Page - Nell Semiconductor Co., Ltd

Part No. N-HFA08TB120
Description  FRED Ultrafast Soft Recovery Diode, 8 A
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NELLSEMI [Nell Semiconductor Co., Ltd]
Homepage  http://www.nellsemi.com
Logo 

   
 6 page
background image
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
Page 6 of 6
N-HFA08TB120
ORDERING INFORMATION TABLE
1
-
FRED family
2
-
Nell Semiconductors product
3
-
Current rating (08 = 8 A)
4
-
Package : TB = TO-220AC
5
-
Voltage rating (120 = 1200 V)
Device code
TO-220AC Package Outline
Anode
Cathode
0.404 [10.26]
0.393 [9.98]
Ă˜0.153 [3.89]
Ă˜0.149 [3.78]
0.114 [2.90]
0.102 [2.59]
0.508 [12.90]
0.492 [12.50]
0.154 [3.91]
0.134 [3.40]
0.531 [13.49]
0.515 [13.08]
0.100 [2.54] TYP
0.204 [5.18]
0.196 [4.98]
0.057 [1.45]
0.047 [1.19]
0.034 [0.86]
0.030 [0.76]
Cathode
0.186 [4.72]
0.174 [4.42]
0.058 [1.47]
0.047 [1.19]
0.362 [9.19]
0.354 [8.99]
0.110 [2.79]
0.099 [2.51]
0.018 [0.46]
0.014 [0.36]
3
1
2
HFA
08
TB
120
N
-
4
5
www.nellsemi.com




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl