Selected language     English  ▼


N-HFA15PB60 Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

Part No. N-HFA15PB60
Description  FRED Ultrafast Soft Recovery Diode, 15 A
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NELLSEMI [Nell Semiconductor Co., Ltd]
Homepage  http://www.nellsemi.com
Logo 

   
 3 page
background image
Nell High Power Products
SEMICONDUCTOR
RoHS
RoHS
SEMICONDUCTOR
RoHS
RoHS
Page 3 of 6
N-HFA15PB60
Fig.1 Maximum forward voltage drop vs.
Instantaneous forward current
Fig.2 Typical reverse current vs. reverse voltage
Fig.3 Typical junction capacitance vs. reverse voltage
1
10
T = 150
J
°С
T = 125
J
°С
T = 25
J
°С
1.0
2.4
1.2
1.4
Forward voltage drop (V), VFM
100
1.8
2.2
2.0
1.6
Reverse voltage (V), VR
10
100
10
100
1000
Reverse voltage (V), VR
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
Fig.4 Maximum thermal Impedance Z
characteristics
thJC
0.01
0.1
1
10
100
1000
100
600
500
300
10000
400
200
T = 150 °С
J
T = 125 °C
J
T = 25 ºC
J
0
T = 25
J
°С
10
Single pulse
(thermal response)
D = 0.50
D = 0.20
D = 0.10
D = 0.05
D = 0.02
D = 0.01
Notes:
1. Duty factor D = t1/ t 2
2. Peak T = Pdm x ZthJC + Tc
PDM
t1
t2
Rectangular pulse duration (sec), t1
www.nellsemi.com




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl