Selected language     English  ā–¼


N-HFA15PB60 Datasheet(PDF) 5 Page - Nell Semiconductor Co., Ltd

Part No. N-HFA15PB60
Description  FRED Ultrafast Soft Recovery Diode, 15 A
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NELLSEMI [Nell Semiconductor Co., Ltd]
Homepage  http://www.nellsemi.com
Logo 

   
 5 page
background image
Nell High Power Products
SEMICONDUCTOR
RoHS
RoHS
SEMICONDUCTOR
RoHS
RoHS
Page 5 of 6
N-HFA15PB60
Fig.10 Reverse recovery waveform and definitions
Q
rr
0.5 IRRM
dI
(rec)M/dt
0.75 I RRM
I
RRM
t
rr
t
b
t
a
I
F
dI
F/dt
0
(1)
(2)
(3)
(4)
(5)
(1) dI /dt - rate of change of current
F
through zero crossing
(2) IRRM - peak reverse recovery current
(3) t - reverse recovery time measured
rr
from zero crossing point of negative
going I to point where a line passing
F
through 0.75 I
RRM and 0.50 IRRM
extrapolated to zero current.
(4) Q - area under curve defined by t
rr
rr
IRRM
l
x
rr
RRM
2
Q
=
rr
(5) dI
/dt - peak rate of change of
(rec)M
current during tb portion of trr
and
t
ORDERING INFORMATION TABLE
1
-
FRED family
2
-
Current rating (15 =15A)
3
-
PB = TO-247AC modified
4
-
Voltage rating: (60 = 600 V)
5
Device code
3
1
2
HFA
15
PB
60
N
-
Nell Semiconductors product
-
4
5
www.nellsemi.com




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl