Electronic Components Datasheet Search
Selected language     English  â–Œ


N-HFA15TB60 Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

Part No. N-HFA15TB60
Description  FRED Ultrafast Soft Recovery Diode, 15 A
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NELLSEMI [Nell Semiconductor Co., Ltd]
Homepage  http://www.nellsemi.com
Logo 

   
 3 page
background image
Fig.1 Maximum Forward Voltage Drop vs.
Instantaneous Forward Current
Fig.2 Typical Reverse Current vs. Reverse Voltage
Fig.3 Typical Junction Capacitance vs. Reverse Voltage
Fig.4 Maximum Thermal Impedance Z thJC Characteristics
1
10
T = 150
J
ÂșC
T = 125
J
ÂșC
T = 25
J
ÂșC
1.0
2.4
1.2
1.4
V
- Forward Voltage Drop (V)
FM
100
1.8
2.2
2.0
1.6
0.01
0.1
1
10
100
T = 125
J
ÂșC
T = 25
J
ÂșC
1000
100
600
500
300
10 000
T = 150
J
ÂșC
400
200
10
100
10
100
1000
T = 25
J
ÂșC
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
Single pulse
(thermal response)
P
DM
t
1
t
2
Notes:
1. Duty factor D = t /t
1 2
2. Peak T = P
J
DM x Z
+ T
thJC
C
10
D = 0.50
D = 0.20
D = 0.10
D = 0.05
D = 0.02
D = 0.01
SEMICONDUCTOR
RoHS
RoHS
Page 3 of 6
Rectangular Pulse Duration-
(s)
t1
Reverse Voltage-V (V
)
R
Nell High Power Products
Reverse Voltage-V (V)
R
N-HFA15TB60
www.nellsemi.com




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl