Selected language     English  ▼


N-HFA15TB60 Datasheet(PDF) 4 Page - Nell Semiconductor Co., Ltd

Part No. N-HFA15TB60
Description  FRED Ultrafast Soft Recovery Diode, 15 A
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NELLSEMI [Nell Semiconductor Co., Ltd]
Homepage  http://www.nellsemi.com
Logo 

   
 4 page
background image
Fig.5 Typical Reverse Recovery Time vs. dIF/dt
Fig.6 Typical Recovery Current vs. dIF/dt
Fig.7 Typical Stored Charge vs. dIF/dt
Fig.8 Typical dI(rec) /dt vs. dl /dt
M
F
80
40
0
100
1000
dI / ( / )
dt A μs
F
V
= 200 V
R
T = 125
J
ºC
T = 25
J
ºC
60
20
IF= 30 A
IF= 15 A
IF= 5 A
100
20
15
0
100
1000
dI / ( / )
dt A
F
μs
V
= 200 V
R
T = 125
J
ºC
T = 25
J
ºC
5
10
25
IF= 30 A
IF= 15 A
IF= 5 A
800
0
100
1000
dI / ( / )
dt A
F
μs
200
400
100
300
500
700
IF= 30 A
IF= 15 A
IF= 5 A
V
= 200 V
R
T = 125
J
ºC
T = 25
J
ºC
10000
1000
100
1000
dI /dt (A/μs)
F
V
= 200 V
R
T = 125
J
ºC
T = 25
J
ºC
100
IF= 30 A
IF= 15 A
IF= 5 A
SEMICONDUCTOR
RoHS
RoHS
Page 4 of 6
600
Nell High Power Products
N-HFA15TB60
www.nellsemi.com




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl