Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N-HFA15TB60 Datasheet(PDF) 6 Page - Nell Semiconductor Co., Ltd

Part # N-HFA15TB60
Description  FRED Ultrafast Soft Recovery Diode, 15 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

N-HFA15TB60 Datasheet(HTML) 6 Page - Nell Semiconductor Co., Ltd

  N-HFA15TB60 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd N-HFA15TB60 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd N-HFA15TB60 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd N-HFA15TB60 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd N-HFA15TB60 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd N-HFA15TB60 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
N-HFA15TB60
Page 6 of 6
ORDERING INFORMATION TABLE
1
-
FRED family
2
-
Nell Semiconductors product
3
-
Current rating (15 = 15 A)
4
-
Package : TB = TO-220AC
5
-
Voltage rating (60 = 600 V)
Device code
TO-220AC Package Outline
Anode
Cathode
0.404 [10.26]
0.393 [9.98]
Ø0.153 [3.89]
Ø0.149 [3.78]
0.114 [2.90]
0.102 [2.59]
0.508 [12.90]
0.492 [12.50]
0.154 [3.91]
0.134 [3.40]
0.531 [13.49]
0.515 [13.08]
0.100 [2.54] TYP
0.204 [5.18]
0.196 [4.98]
0.057 [1.45]
0.047 [1.19]
0.034 [0.86]
0.030 [0.76]
Cathode
0.186 [4.72]
0.174 [4.42]
0.058 [1.47]
0.047 [1.19]
0.362 [9.19]
0.354 [8.99]
0.110 [2.79]
0.099 [2.51]
0.018 [0.46]
0.014 [0.36]
3
1
2
HFA
15
TB
60
N
-
4
5
www.nellsemi.com


Similar Part No. - N-HFA15TB60

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
N-HFA15PB120 NELLSEMI-N-HFA15PB120 Datasheet
871Kb / 5P
   FRED Ultrafast Soft Recovery Diode, 15 A
N-HFA15PB60 NELLSEMI-N-HFA15PB60 Datasheet
953Kb / 6P
   FRED Ultrafast Soft Recovery Diode, 15 A
More results

Similar Description - N-HFA15TB60

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
N-HFA15PB60 NELLSEMI-N-HFA15PB60 Datasheet
953Kb / 6P
   FRED Ultrafast Soft Recovery Diode, 15 A
N-HFA15PB120 NELLSEMI-N-HFA15PB120 Datasheet
871Kb / 5P
   FRED Ultrafast Soft Recovery Diode, 15 A
N-HFA30PA60C NELLSEMI-N-HFA30PA60C Datasheet
1Mb / 6P
   FRED Ultrafast Soft Recovery Diode, 2 x 15 A
N-HFA30PA40C NELLSEMI-N-HFA30PA40C Datasheet
958Kb / 5P
   FRED Ultrafast Soft Recovery Diode, 2 x 15 A
N-30EPU06 NELLSEMI-N-30EPU06 Datasheet
1Mb / 6P
   FRED Ultrafast Soft Recovery Diode, 30 A
N-30EPU12 NELLSEMI-N-30EPU12 Datasheet
1Mb / 6P
   FRED Ultrafast Soft Recovery Diode, 30 A
N-HFA08TB120 NELLSEMI-N-HFA08TB120 Datasheet
324Kb / 6P
   FRED Ultrafast Soft Recovery Diode, 8 A
logo
Vishay Siliconix
HFA15TB60SPBF VISHAY-HFA15TB60SPBF Datasheet
142Kb / 6P
   Ultrafast Soft Recovery Diode, 15 A
Revision: 22-Oct-08
logo
Nell Semiconductor Co.,...
N-40EPU06 NELLSEMI-N-40EPU06 Datasheet
1Mb / 6P
   FRED Ultrafast Soft Recovery Diode, 40 A
logo
Vishay Siliconix
HFA15PB60PBF VISHAY-HFA15PB60PBF Datasheet
153Kb / 7P
   Ultrafast Soft Recovery Diode, 15 A
Revision: 25-Jul-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com